Electronic Components Datasheet Search |
|
V385LA40BP Datasheet(PDF) 9 Page - Littelfuse |
|
V385LA40BP Datasheet(HTML) 9 Page - Littelfuse |
9 / 13 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/23/14 Varistor Products Radial Lead Varistors > LA Series Wave Solder Profile Operating Ambient Temperature Range -55°C to +85°C Storage Temperature Range -55°C to +125°C Humidity Aging +85°C, 85% RH, 1000 hours +/-10% typical voltage change Thermal Shock +85°C to -40°C 5 times +/-10% typical voltage change Solvent Resistance MIL–STD–202, Method 215F Moisture Sensitivity Level 1, J–STD–020C Lead Material Copper Clad Steel Wire Soldering Characteristics Solderability per MIL–STD–202, Method 208E Insulating Material Cured, flame retardant epoxy polymer meets UL94V–0 requirements Device Labeling Marked with LF, voltage, UL/CSA logos, and date code Physical Specifications Environmental Specifications 0 50 100 150 200 250 300 00.5 11.5 22.5 33.5 4 TIME(MINUTES) Maximum Wave 240C Lead–free Profile 0 50 100 150 200 250 300 00.5 11.5 22.5 33.5 4 TIME(MINUTES) Maximum Wave 260C Non Lead–free Profile Figure 20 Figure 21 |
Similar Part No. - V385LA40BP |
|
Similar Description - V385LA40BP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |