Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2195A5-12V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 2195A5-12V
Description  Non-Relampable Neon-Incandescent Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

2195A5-12V Datasheet(HTML) 1 Page - Visual Communications Company

  2195A5-12V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Mounting: Ø.310 MIN., supplied with push-on
speednut SN1287.
Wire Leads: No. 22 AWG (105°C) 4.40/4.80 long,
stripped .430/.570
Lens: Polycarbonate-neon transparent,
incandescent-translucent
Bezel: White nylon. For black finish add “X” after the
series letter(s).
Housing: White Nylon
2110A, 2111A, 2112A, 2113A and 2195A Series Non-Relampable
Neon-Incandescent Indicator Lights
Description and Features
* Incorporates G2B lamp and resistor.
** Incorporates T2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
1.480
B lack/R ed
C 2A+R esistor
2113A6**
2113A5*
2111A4
2111A3
2111A2
2111A1
(208-250VAC )
Model No.
1.480
B lack
C 2A+R esistor
2112A6**
2112A5*
2110A4
2110A3
2110A2
2110A1
(105-125V AC )
Model No.
"A" DIM
Lead C olor
Lamp used
B lue
G reen
White
Amber
C lear
R ed
Lens C olor
Neon
.740
Y ellow
#2162
-
2195A5-12V
2195A4-12V
2195A3-12V
-
2195A1-12V
(12V )
Model No.
.740
P urple
#2187
-
2195A5-28V
2195A4-28V
2195A3-28V
-
2195A1-28V
(28V )
Model No.
Incandescent
All dimensions
in inches.
Ø.310 MAX.
DIME NS ION "A"
SE E C HAR T F OR
.190
.340


Similar Part No. - 2195A5-12V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2195A5-12V CML-2195A5-12V Datasheet
228Kb / 1P
   Neon-Incandescent Indicator Lights
More results

Similar Description - 2195A5-12V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD VCC-2330QD Datasheet
80Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050N CML-1050N Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050N VCC-1050N Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1030D VCC-1030D Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050A VCC-1050A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com