Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4302F-5V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4302F-5V
Description  Integrated Resistor 5 Volts 12 Volts T-1 (3mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4302F-5V Datasheet(HTML) 1 Page - Visual Communications Company

  4302F-5V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
4302F-5V, 4302F-12V Series Integrated Resistor 5 Volts 12 Volts T-1 (3mm)
Description and Features
Electro-Optical Characteristics and Ratings
• High brightness output
• Integral current limiting resistor
• TTL compatible requires no external current limiter with 5 volt or 12 volt
supply.
• Wide viewing angle - 60°.
All dimensions
in inches.
ANODE
S Q.T Y P .
.019
±.002
.100
±.010
.115
±.010
.235
±.015
.050
±.010
MIN.
1.060
.033
±.012
.175
±.010
.125
±.010
8.0
8.0
8.0
8.0
5
60
583
20
2.0
15
12
13
Amber
Amber
4302F 3-12V
5
60
635
20
2.0
15
12
13
R ed
R ed
4302F 1-12V
5
60
565
15
2.0
7.5
5
10
G reen
G reen
4302F 5-5V
5
60
583
15
2.0
7.5
5
10
Amber
Amb er
4302F 3-5V
4302F 1-5V
Diffused
P AR T NUMB E R
Output C olor
P ackage C olor
R ated C urrent (mA)
Forward Voltage Typ. (V)
F orward Voltage Max. (V)
Luminous Intensity Min. (mcd)
Luminous Intensity Typ. (mcd)
P eak Wavelength (nm)
Diffusion
Viewing Angle 20 1/ 2 (degrees)
R ed
R ed
10
5
7.5
2.0
8.0
20
635
60
5
Diffused
Diffused
Diffused
Diffused
C ontinuous F orward C urrent Max. (mA)
R everse B reakdown Voltage Min. (V)
8.0
5
60
565
20
2.0
15
12
13
G reen
G reen
4302F 5-12V
Diffused


Similar Part No. - 4302F-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4302F-5V CML-4302F-5V Datasheet
65Kb / 1P
   IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
More results

Similar Description - 4302F-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4302F-5V CML-4302F-5V Datasheet
65Kb / 1P
   IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
logo
List of Unclassifed Man...
4302F ETC1-4302F Datasheet
22Kb / 1P
   4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm)
4302H ETC1-4302H Datasheet
22Kb / 1P
   4302H-5V, 4302H-12V Series Intergrated Resistor-5 Volts and 12 Volts Operation T-1 3/4 (5mm)
logo
Visual Communications C...
4302T-5V VCC-4302T-5V Datasheet
84Kb / 1P
   Sub Miniature 1.65mm Integrated Resistor-5 Volts
logo
QT Optoelectronics
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com