Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V18ZA3P Datasheet(PDF) 1 Page - Littelfuse

Part # V18ZA3P
Description  Lead?밼ree, Halogen-Free and RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18ZA3P Datasheet(HTML) 1 Page - Littelfuse

  V18ZA3P Datasheet HTML 1Page - Littelfuse V18ZA3P Datasheet HTML 2Page - Littelfuse V18ZA3P Datasheet HTML 3Page - Littelfuse V18ZA3P Datasheet HTML 4Page - Littelfuse V18ZA3P Datasheet HTML 5Page - Littelfuse V18ZA3P Datasheet HTML 6Page - Littelfuse V18ZA3P Datasheet HTML 7Page - Littelfuse V18ZA3P Datasheet HTML 8Page - Littelfuse V18ZA3P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > ZA Series
Description
The ZA Series of transient voltage surge suppressors
are radial leaded varistors (MOVs) designed for
use in the protection of low and medium-voltage
circuits and systems. Typical applications include
motor control, telecom, automotive systems,
solenoid, and power supply circuits to protect circuit
board components and maintain data integrity.
These devices are available in five model sizes:
5mm, 7mm, 10mm, 14mm and 20mm, and feature
a wide V
DC voltage range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications
Table for part number and brand information.
Features
• Lead–free,Halogen-
Free and RoHS
compliant
• Wideoperatingvoltage
range V
M(AC)RMS
4V to 460V
• DCvoltageratings
5.5V to 615V
• Noderatingupto
85ºC ambient
• 5modelsizes
available: 5, 7, 10,
14, and 20mm
• Radialleadpackagefor
hard-wired or printed
circuit board designs
• Availableintapeand
reel or bulk pack
• Standardlead
form options
Agency Approvals
Absolute Maximum Ratings
•Forratingsofindividualmembersofaseries,seeDeviceRatingsandSpecificationschart
Agency
Agency File Number
E135010,
(+ E320116 except parts V8ZAxxP and V12ZAxxP)
116895
42201-006
Continuous
ZA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
4 to 460
V
DC Voltage Range (V
M(DC))
5.5 to 615
V
Transients:
Peak Pulse Current (I
TM)
For 8/20µs Current Wave (See Figure 2)
50 to 6500
A
Single Pulse Energy Range (Note 1)
For 10/1000µs Current Wave (W
TM)
0.1 to 52
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for one minute per MIL–STD–202, Method 301)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
ZA Varistor Series
RoHS


Similar Part No. - V18ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18ZA3P LITTELFUSE-V18ZA3P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18ZA3P LITTELFUSE-V18ZA3P Datasheet
825Kb / 13P
   Radial Lead Varistors
V18ZA3P LITTELFUSE-V18ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
V18ZA3P LITTELFUSE-V18ZA3P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V18ZA3P LITTELFUSE-V18ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V18ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68ZT2 LITTELFUSE-V68ZT2 Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com