Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V12ZA05P Datasheet(PDF) 9 Page - Littelfuse

Part # V12ZA05P
Description  Lead?밼ree, Halogen-Free and RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12ZA05P Datasheet(HTML) 9 Page - Littelfuse

Back Button V12ZA05P Datasheet HTML 5Page - Littelfuse V12ZA05P Datasheet HTML 6Page - Littelfuse V12ZA05P Datasheet HTML 7Page - Littelfuse V12ZA05P Datasheet HTML 8Page - Littelfuse V12ZA05P Datasheet HTML 9Page - Littelfuse V12ZA05P Datasheet HTML 10Page - Littelfuse V12ZA05P Datasheet HTML 11Page - Littelfuse V12ZA05P Datasheet HTML 12Page - Littelfuse V12ZA05P Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > ZA Series
Repetitive Surge Capability for 14mm Parts
V18ZA3(P) - V68ZA10(P)
V82ZA12(P) - V180ZA10(P)
FIGURE 22. SURGE CURRENT RATING CURVES FOR
V82ZA4(P) - V180ZA5(P)
FIGURE 23. SURGE CURRENT RATING CURVES FOR
V18ZA3(P) - V68ZA10(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
1,000
500
200
100
50
20
10
5
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 10mm
V82ZA4(P) - V180ZA5(P)
200
100
50
20
10
5
1
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
1,000
500
MODEL SIZE 14mm
V18ZA3(P) - V68ZA10(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V18ZA40(P) - V68ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
NOTE: If pulse ratings are exceeded, a shift of V
N(DC)(at specified current) of more then +/-10% could result. This type of shift, which normally results
in a decrease of V
N(DC), may result in the device not meeting the original published specifications, but does not prevent the device from continuing to
function, and to provide ample protection.
Repetitive Surge Capability for 20mm Parts
Figure 21
Figure 22
Figure 23
Figure 24


Similar Part No. - V12ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12ZA05P LITTELFUSE-V12ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V12ZA05P LITTELFUSE-V12ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V12ZA05P LITTELFUSE-V12ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V12ZA05P LITTELFUSE-V12ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V12ZA05P LITTELFUSE-V12ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V12ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68ZT2 LITTELFUSE-V68ZT2 Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com