Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V39ZA3P Datasheet(PDF) 6 Page - Littelfuse

Part # V39ZA3P
Description  Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V39ZA3P Datasheet(HTML) 6 Page - Littelfuse

Back Button V39ZA3P Datasheet HTML 2Page - Littelfuse V39ZA3P Datasheet HTML 3Page - Littelfuse V39ZA3P Datasheet HTML 4Page - Littelfuse V39ZA3P Datasheet HTML 5Page - Littelfuse V39ZA3P Datasheet HTML 6Page - Littelfuse V39ZA3P Datasheet HTML 7Page - Littelfuse V39ZA3P Datasheet HTML 8Page - Littelfuse V39ZA3P Datasheet HTML 9Page - Littelfuse V39ZA3P Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
72
www .littelfuse .com
Varistor Products
ZA Varistor Series
Low to Medum Voltage, Radial Lead
Transient V-I Characteristics Curves (Continued)
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05(P) - V750ZA05(P)
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1(P) - V68ZA2(P)
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2(P) - V180ZA1(P)
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2(P) - V68ZA3(P)
FIGURE 9. CLAMPINGVOLTAGE FOR V82ZA4(P) - V180ZA5(P)
FIGURE 10. CLAMPINGVOLTAGE FOR V18ZA3(P) - V68ZA10(P)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
0.001
0.0001
V750ZA05(P)
V715ZA05(P)
V680ZA05(P)
V620ZA05(P)
V470ZA05(P)
V430ZA05(P)
V390ZA05(P)
V360ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55
oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
V68ZA2(P)
V56ZA2(P)
V47ZA1(P)
V39ZA1(P)
V33ZA1(P)
V27ZA1(P)
V22ZA1(P)
V12ZA1(P)
V18ZA1(P)
V8ZA1(P)
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1(P)
V150ZA1(P)
V120ZA1(P)
V100ZA3(P)
V82ZA2(P)
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3(P)
V56ZA3(P)
V47ZA3(P)
V39ZA3(P)
V33ZA2(P)
V27ZA2(P)
V22ZA2(P)
V18ZA2(P)
V8ZA2(P)
V12ZA2(P)
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5(P)
V150ZA4(P)
V120ZA4(P)
V100ZA4(P)
V82ZA4(P)
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10(P)
V56ZA8(P)
V47ZA7(P)
V39ZA6(P)
V33ZA5(P)
V27ZA4(P)
V22ZA3(P)
V18ZA3(P)
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
MODEL SIZE 14mm
Pb
RoHS


Similar Part No. - V39ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V39ZA3P LITTELFUSE-V39ZA3P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V39ZA3P LITTELFUSE-V39ZA3P Datasheet
825Kb / 13P
   Radial Lead Varistors
V39ZA3P LITTELFUSE-V39ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
V39ZA3P LITTELFUSE-V39ZA3P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V39ZA3P LITTELFUSE-V39ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V39ZA3P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com