Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2623T5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 2623T5
Description  Non-Relampable Neon Indicator Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

2623T5 Datasheet(HTML) 1 Page - Visual Communications Company

  2623T5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
2620T, 2621T, 2622T and 2623T Series Non-Relampable Neon Indicator Light
Description and Features
Mounting: Supplied with speednut SN2089. Mounting hole
pattern on page SP2.
Wire Leads: No. 22 AWG (105°C) 4.40/4.80 long,
stripped .430/.570
Lens: Polycarbonate
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
* Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
Lamp used
G reen
Amber
R ed
Lens C olor
C 2A+R esistor
2622T 5*
2620T 3
2620T 1
(105-125V AC )
Model No.
Neon
2623T 5*
2621T 3
2621T 1
(208-250V AC )
Model No.
Ø.870
Ø.810
1.03 MAX.
.520 MAX.
.590


Similar Part No. - 2623T5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2623T5 CML-2623T5 Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results

Similar Description - 2623T5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QN CML-1050QN Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
4700A CML-4700A Datasheet
221Kb / 1P
   Non-Relampable Neon Indicator Light
2330D CML-2330D Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
2620K CML-2620K Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
logo
Visual Communications C...
1050QN VCC-1050QN Datasheet
69Kb / 1P
   Non-Relampable Neon Indicator Light
2620QK VCC-2620QK Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Light
2620K VCC-2620K Datasheet
62Kb / 1P
   Non-Relampable Neon Indicator Light
4700A VCC-4700A Datasheet
61Kb / 1P
   Non-Relampable Neon Indicator Light
2330D VCC-2330D Datasheet
69Kb / 1P
   Non-Relampable Neon Indicator Light
logo
Chicago Miniature Lamp,...
2620QK CML-2620QK Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com