Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V8ZA1P Datasheet(PDF) 1 Page - Littelfuse

Part # V8ZA1P
Description  Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V8ZA1P Datasheet(HTML) 1 Page - Littelfuse

  V8ZA1P Datasheet HTML 1Page - Littelfuse V8ZA1P Datasheet HTML 2Page - Littelfuse V8ZA1P Datasheet HTML 3Page - Littelfuse V8ZA1P Datasheet HTML 4Page - Littelfuse V8ZA1P Datasheet HTML 5Page - Littelfuse V8ZA1P Datasheet HTML 6Page - Littelfuse V8ZA1P Datasheet HTML 7Page - Littelfuse V8ZA1P Datasheet HTML 8Page - Littelfuse V8ZA1P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
67
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
The ZA Series of transient voltage surge suppressors are radial-lead
varistors (MOVs) designed for use in the protection of low and medium-
voltage circuits and systems. Typical applications include motor control,
telecom, automotive systems, solenoid, and power supply circuits to
protect circuit board components and maintain data integrity.
These devices are available in five model sizes: 5mm, 7mm, 10mm,
14mm and 20mm, and feature a wide VDC voltage range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Lead-free and RoHS compliant option available. Please see the
device and ratings specifications table for more information.
• Wide Operating Voltage Range VM(AC)RMS ......... .4V to 460V
• DC Voltage Ratings . ............................ .5.5V to 615V
• No Derating Up to 85oC Ambient
• 5 Model Sizes Available . ....5, 7, 10, 14, and 20mm
• Radial-Lead Package for Hard-Wired or Printed Circuit
Board Designs
• Available in Tape and Reel or Bulk Pack
• Standard Lead Form Options
AGENCY APPROVALS FOR STANDARD PARTS:
Recognized under the components program of Underwriters Laboratories.
CECC and VDE certified.
Agency File Numbers: UL E135010, UL E75961, VDE 116895E, CECC
42201.
AGENCY APPROVALS FOR LEAD-FREE AND RoHS COMPLI-
ANT PARTS:
Recognized under the components program of Underwriters Laboratories.
CECC and VDE certified.
Agency File Numbers: UL E135010, UL E75961 (selected parts recog-
nized), VDE 116895E, CECC 42201-006.
®
V
DE
NEW LEAD-FREE AND
RoHS COMPLIANT PARTS
AVAILABLE
Pb
RoHS


Similar Part No. - V8ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA1P LITTELFUSE-V8ZA1P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V8ZA1P LITTELFUSE-V8ZA1P Datasheet
825Kb / 13P
   Radial Lead Varistors
V8ZA1P LITTELFUSE-V8ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
V8ZA1P LITTELFUSE-V8ZA1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V8ZA1P LITTELFUSE-V8ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V8ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com