Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2191L Datasheet(PDF) 1 Page - Visual Communications Company

Part # 2191L
Description  Non-Relampable LED Solid-State Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

2191L Datasheet(HTML) 1 Page - Visual Communications Company

  2191L Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
2191L Series Non-Relampable LED Solid-State Indicator Lights
Description and Features
*
Solid-state indicator lights complete with built-in current-
limiting resistor and rectifier diode.
Mounting: Ø.310 MIN., supplied with push-on
speednut SN1287.
Wire Leads: No. 22 AWG (105°C) 4.40/4.80 long,
stripped .430/.570
Lens: Polycarbonate
Anode(+): Red lead
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
* Also incorporates 1N4004
(400 P.I.V.) rectifier diode.
Y ellow
G reen
R ed
Lens C olor
4304H7
4304H5
4304H1
Incorporates LE D
All dimensions
in inches.
390
2191L7-12V
2191L5-12V
2191L1-12V
(12V)
Model No.
150
2191L7-6V
2191L5-6V
2191L1-6V
(6V )
Model No.
(ohms)
Internal R esistor
Y ellow
G reen
R ed
Lens C olor
LE D S olid S tate Indicator
1000
2191L7-24V
2191L5-24V
2191L1-24V
(24V )
Model No.
To use 24V model: Beyond 32VAC add 30 ohms
per volt; beyond 24 VDC add 50 ohms per volt.
Use 1/2W resistor up to 50V; 1W resistor for 50V
to 70V; 2W resistor for 75V to 125V. Do not use
beyond 125V.
22 to 32
10 to 20
5 to 11
VAC
24V
12V
6V
Nominal
Voltage T able
12 to 24
6 to 13.5
3.5 to 6.5
VDC
1.310
Ø.310 MAX.
.380
.090
.340


Similar Part No. - 2191L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2191L CML-2191L Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191L1-12V CML-2191L1-12V Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191L1-24V CML-2191L1-24V Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191L1-6V CML-2191L1-6V Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191L5-12V CML-2191L5-12V Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
More results

Similar Description - 2191L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2191L CML-2191L Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191QU CML-2191QU Datasheet
220Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191QL CML-2191QL Datasheet
220Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
logo
Visual Communications C...
2191QL VCC-2191QL Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
logo
Chicago Miniature Lamp,...
2191U CML-2191U Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
logo
Visual Communications C...
2191QU VCC-2191QU Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191U VCC-2191U Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
1091M VCC-1091M Datasheet
73Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Chicago Miniature Lamp,...
1091M CML-1091M Datasheet
222Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Visual Communications C...
1091QM VCC-1091QM Datasheet
67Kb / 1P
   Non-Relampable LED Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com