Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1090QA Datasheet(PDF) 1 Page - Visual Communications Company

Part # 1090QA
Description  Non-Relampable Incandescent Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1090QA Datasheet(HTML) 1 Page - Visual Communications Company

  1090QA Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
1090QA Series Non-Relampable Incandescent Indicator Lights
Description and Features
Mounting: Will snap-fit into Ø.500/.505 hole in panels
.020/.100 thick. Push-on speednut SN0461
also available. Mounting hole pattern on page SP2.
Terminals: Quick-connect, tinned brass
Lens: Polycarbonate
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
B lue
G reen
White
Amber
R ed
Lens C olor
1090QA6-12V
1090QA5-12V
1090QA4-12V
1090QA3-12V
1090QA1-12V
(12V)
Model No.
Incandescent
1090QA6-28V
1090QA5-28V
1090QA4-28V
1090QA3-28V
1090QA1-28V
(28V)
Model No.
Lamp used
#2162
#2187
.530
.630
MAX.
Ø.500
.910
T E R MINALS
.187


Similar Part No. - 1090QA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1090QA CML-1090QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA1-12V CML-1090QA1-12V Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA1-28V CML-1090QA1-28V Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA3-12V CML-1090QA3-12V Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA3-28V CML-1090QA3-28V Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results

Similar Description - 1090QA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2195QA CML-2195QA Datasheet
229Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
1050C VCC-1050C Datasheet
70Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
2990D CML-2990D Datasheet
219Kb / 1P
   Non-Relampable Incandescent Indicator Lights
2990P CML-2990P Datasheet
221Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
2195QA VCC-2195QA Datasheet
62Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com