Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008-QB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XR1008-QB
Description  37.0-40.0 GHz GaAs Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1008-QB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XR1008-QB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
37.0-40.0 GHz GaAs Receiver (USB)
SMT, 7x7 mm
Page 1 of 7
R1008-QB
Mimix Broadband’s 37.0-40.0 GHz packaged USB receiver
has a noise figure of 3.5 dB and 5.0 dBm Input Third Order
Intercept across the band.This device integrates a three
stage LNA followed by an image reject resistive pHEMT
mixer and includes an integrated LO doubler and buffer
amplifier.The use of integrated LO doubler and LO buffer
amplifier makes the provision of the LO easier than for
fundamental mixers at these frequencies. I and Q mixer
outputs are provided and an external 90 degree hybrid is
required to complete the image reject function. The device
comes in a 7x7mm SMT package that is RoHS compliant.
This device has been designed for use in 38 GHz
Point-to-Point Microwave Radio applications.
Sub-harmonic, Image Reject Receiver
Integrated LNA, Image Reject Mixer, LO Doubler/Buffer
+2.0 dBm LO Drive Level
10.0 dB Conversion Gain
3.5 dB NF
+5.0 dBm Input Third Order Intercept (IIP3)
7x7mm SMT package
100% RF and DC Testing
Features
General Description
Electrical Characteristics (AmbientTemperature T = 25o C)
Units
GHz
GHz
GHz
dB
dB
dB
dBm
dBc
dBc
dB
dB
dB
dBm
dBm
VDC
VDC
mA
Min.
37.0
16.0
DC
-
9.5
8.3
0.0
15.0
13.0
-
-
-
0.0
-
-
-1.0
-
Typ.
-
-
-
10.0
10.0
8.8
+2.0
-
-
3.5
4.0
40.0
+5.0
-5.0
4.0
-0.5
180
Max.
40.0
20.0
4.0
-
-
-
+8.0
-
-
4.3
4.8
-
-
-
4.0
-0.1
240
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss (S11)
Conversion Gain RF/IF (S21) (USB) [IF=2 GHz]
Conversion Gain RF/IF (S21) (USB) [IF=3.5 GHz]
LO Input Drive (PLO)
Image Rejection [IF=2 GHz]
Image Rejection [IF=3.5 GHz]
Noise Figure (NF) (USB) [IF=2 GHz]
Noise Figure (NF) (USB) [IF=3.5 GHz]
Isolation LO/RF @ LOx1/LOx2
Input Third Order Intercept Point (IIP3)
Input 1 dB Compression (IP1dB)
Drain Bias Voltage (Vd)
Gate Bias Voltage (Vg1,2)
Supply Current (Id) (Vd=4.0,Vg=-0.5V Typical)
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
ESD - Human Body Model
ESD - Machine Body Model
Moisture Sensitivity Level
+4.3 VDC
300 mA
-1.5V < Vg < 0V
+5 dBm
-65 to +165 ºC
-55 to +85 ºC
175 ºC
Class 1A
Class A
MSL3
(1) Channel temperature affects a device’s MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2011 - Rev 27-Apr-11


Similar Part No. - XR1008-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
More results

Similar Description - XR1008-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com