Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1080-QU Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XP1080-QU
Description  Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1080-QU Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XP1080-QU Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1080-QU Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Amplifier
37.0 - 40.0 GHz
Rev. V2
XP1080-QU
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Typical Performance Curves (cont.)
XP1080-QU:P1dB vs Freq
Vd=4V, Id=1000mA
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU: Psat vs Freq
Vd=4V, Id=1000mA
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU: Det ect or Out put (Diff) vs Freq
Vd=4V, Id=1000mA, Vdet /ref Bias = +5V/100k


Similar Part No. - XP1080-QU

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XP1080-QU MIMIX-XP1080-QU Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU-0N00 MIMIX-XP1080-QU-0N00 Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
logo
M/A-COM Technology Solu...
XP1080-QU-0N00 MA-COM-XP1080-QU-0N00 Datasheet
771Kb / 8P
   Linear Power Amplifier
logo
Mimix Broadband
XP1080-QU-0N0T MIMIX-XP1080-QU-0N0T Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
More results

Similar Description - XP1080-QU

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com