Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1042-QT Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # XP1042-QT
Description  Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1042-QT Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XP1042-QT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1042-QT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1042-QT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1042-QT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1042-QT Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1042-QT Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Power Amplifier
12.0-16.0 GHz
XP1042-QT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Typical Performance Curves
-20
-15
-10
-5
0
5
10
15
20
25
10
11
12
13
14
15
16
17
18
S21
S11
S22
5
10
15
20
25
30
-15
-10
-5
0
5
10
12.5 GHz
13 GHz
13.5 GHz
14 GHz
14.5 GHz
15 GHz
15.5 GHz
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
18
20
12.5 GHz
13 GHz
13.5 GHz
14 GHz
14.5 GHz
15 GHz
15.5 GHz


Similar Part No. - XP1042-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT Datasheet
235Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 3x3mm
XP1042-QT MIMIX-XP1042-QT Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
XP1042-QT-0G00 MIMIX-XP1042-QT-0G00 Datasheet
235Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 3x3mm
XP1042-QT-0G0T MIMIX-XP1042-QT-0G0T Datasheet
235Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 3x3mm
XP1042-QT-EV1 MIMIX-XP1042-QT-EV1 Datasheet
235Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 3x3mm
More results

Similar Description - XP1042-QT

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com