Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1035-QH Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XP1035-QH
Description  105.9-9.5 GHz Linear Power AmplifierQFN, 4x4mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1035-QH Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XP1035-QH Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1035-QH Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power Amplifier Measurements
Page 2 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 17-Feb-10
P1035-QH
5.9-9.5 GHz Linear Power Amplifier
QFN, 4x4mm
XP1035-QH: S11 (dB) at Vd=6V, Id=500mA
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+75 C
XP1035-QH: S21 (dB) at Vd=6V, Id=500mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+75 C
XP1035-QH: S22 (dB) at Vd=6V, Id=500mA
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+75 C
XP1035-QH: S12 (dB) at Vd=6V, Id=500mA
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+75 C
XP1035-QH: OIP3 (dBm) at Vd=6V, Id=500mA
20.0
25.0
30.0
35.0
40.0
45.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+75 C
XP1035-QH: Psat (dBm) at Id=500mA, Vd=6V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+80 C


Similar Part No. - XP1035-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH MIMIX-XP1035-QH Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH-0G00 MIMIX-XP1035-QH-0G00 Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH-0G00 MIMIX-XP1035-QH-0G00 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH-0G00 MA-COM-XP1035-QH-0G00 Datasheet
882Kb / 8P
   Power Amplifier
More results

Similar Description - XP1035-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH_15 Datasheet
860Kb / 7P
   Linear Power AmplifierQFN
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
logo
Excelics Semiconductor,...
EMP210 EXCELICS-EMP210 Datasheet
145Kb / 3P
   9.5 - 12 GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAPGM0062-DIE MACOM-MAAPGM0062-DIE Datasheet
569Kb / 5P
   9.5-12.0 GHZ, 4W Power Amplifier
logo
Excelics Semiconductor,...
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
   9.5 - 12.0 GHz Power Amplifier MMIC
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
   7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
   7.0 -9.5 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com