Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM1001-BD Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XM1001-BD
Description  Image Reject Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1001-BD Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XM1001-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XM1001-BD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Image Reject Mixer
12.0-40.0 GHz
XM1001-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Features
 Fundamental Image Reject Mixer
 8.0 dB Conversion Loss
 20.0 dB Image Rejection
 +25.0 dBm Input Third Order Intercept (IIP3)
 100% On-Wafer RF Testing
 100% Visual Inspection to MIL-STD-883 Method
2010
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM Tech’s 12.0-40.0 GHz GaAs MMIC
fundamental image reject mixer can be used as an
up- or down-converter. The device has a conversion
loss of 8.0 dB with a 20.0 dB image rejection across
the band. I and Q mixer outputs are provided and an
external 90 degree hybrid is required to select the
desired sideband. This MMIC uses M/A-COM Tech’s
GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure
high repeatability and uniformity. The chip has
surface passivation to protect and provide a rugged
part with backside via holes and gold metallization to
allow either a conductive epoxy or eutectic solder
die attach process. This device is well suited for
Millimeter-wave
Point-to-Point
Radio,
LMDS,
SATCOM and VSAT applications.
Ordering Information
Part Number
Package
XM1001-BD-000V
“V” - vacuum release
gel paks
XM1001-BD-EV1
evaluation module
Absolute Maximum Ratings
Parameter
Absolute Max.
Gate Bias Voltage (Vg)
+0.3 VDC
Input Power (RF Pin)
+20.0 dBm
Input Power (IF Pin)
+20.0 dBm
Storage Temperature (Tstg)
-65 °C to +165 °C
Operating Temperature (Ta)
-55 °C to +125 °C
Chip Device Layout


Similar Part No. - XM1001-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-BD MIMIX-XM1001-BD Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
XM1001-BD-000V MIMIX-XM1001-BD-000V Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD-000V MA-COM-XM1001-BD-000V Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
logo
Mimix Broadband
XM1001-BD-EV1 MIMIX-XM1001-BD-EV1 Datasheet
329Kb / 9P
   12.0-40.0 GHz GaAs MMIC Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD-EV1 MA-COM-XM1001-BD-EV1 Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
More results

Similar Description - XM1001-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD_15 Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD_15 Datasheet
919Kb / 9P
   Fundamental Image Reject Mixer
logo
Spectrum Microwave, Inc...
IRM5XMS-1 SPECTRUM-IRM5XMS-1 Datasheet
994Kb / 1P
   Image Reject Mixer / SSB Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com