Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD1001-BD Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XD1001-BD
Description  Distributed Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XD1001-BD Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XD1001-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XD1001-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Distributed Amplifier
18-50 GHz
XD1001-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Electrical Specifications: 18-50 GHz (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Input Return Loss (S11)2
dB
5.0
10.0
-
Output Return Loss (S22)2
dB
6.0
11.0
-
Small Signal Gain (S21)2
dB
13.0
17.0
-
Gain Flatness (
S21)
dB
-
+/-1.0
-
Gain Control
dB
-
30.0
-
Reverse Isolation (S12)2
dB
30.0
40.0
-
Noise Figure (NF)
dB
-
5.0
-
Output Power for 1dB Compression Point (P1dB)1
dBm
-
+15.0
-
Output Third Order Intercept Point (OIP3)1
dBm
-
+24.0
-
Drain Bias Voltage (Vd)
VDC
-
+5.0
+5.5
Gain Control Bias (Vg)
VDC
-2.0
0.0
+0.1
Supply Current (Id) (Vd=5.0 V, Vg=-0.0 V Typical)
mA
-
160
190
1. Measured using constant current.
2. Unless otherwise indicated Min/Max over 18.0-50.0 GHz and biased at Vd=5 V, Id=160 mA


Similar Part No. - XD1001-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD-000V MIMIX-XD1001-BD-000V Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1001-BD-000V MA-COM-XD1001-BD-000V Datasheet
960Kb / 9P
   Distributed Amplifier
logo
Mimix Broadband
XD1001-BD-EV1 MIMIX-XD1001-BD-EV1 Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XD1001-BD-EV1 MA-COM-XD1001-BD-EV1 Datasheet
960Kb / 9P
   Distributed Amplifier
More results

Similar Description - XD1001-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XD1008-BD MA-COM-XD1008-BD Datasheet
917Kb / 9P
   Distributed Amplifier
XD1001-BD MA-COM-XD1001-BD_15 Datasheet
960Kb / 9P
   Distributed Amplifier
logo
RF Micro Devices
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
   GaAs Distributed Amplifier
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
logo
M/A-COM Technology Solu...
MAAM-015023-DIE MA-COM-MAAM-015023-DIE Datasheet
1Mb / 7P
   Wideband Distributed Amplifier
logo
Marki Microwave
ADM-5974CH MARKIMICROWAVE-ADM-5974CH Datasheet
827Kb / 8P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
755Kb / 14P
   BROADBAND DISTRIBUTED AMPLIFIER
ADM-5931CH MARKIMICROWAVE-ADM-5931CH Datasheet
842Kb / 9P
   BROADBAND DISTRIBUTED AMPLIFIER
logo
RF Micro Devices
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com