Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1014-QT-V2 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # XB1014-QT-V2
Description  Buffer Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XB1014-QT-V2 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  XB1014-QT-V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XB1014-QT-V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XB1014-QT-V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XB1014-QT-V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XB1014-QT-V2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XB1014-QT-V2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Buffer Amplifier
37.0 - 40.0 GHz
Rev. V2
XB1014-QT
6
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Reference Application Note S2083 for lead-free solder reflow recommendations.
Plating is 100% matte tin over copper.
Lead-Free 3 mm 16-Lead PQFN


Similar Part No. - XB1014-QT-V2

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1014-QT-0G00 MIMIX-XB1014-QT-0G00 Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
M/A-COM Technology Solu...
XB1014-QT-0G00 MA-COM-XB1014-QT-0G00 Datasheet
732Kb / 7P
   Buffer Amplifier
logo
Mimix Broadband
XB1014-QT-0G0T MIMIX-XB1014-QT-0G0T Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
M/A-COM Technology Solu...
XB1014-QT-0G0T MA-COM-XB1014-QT-0G0T Datasheet
732Kb / 7P
   Buffer Amplifier
logo
Mimix Broadband
XB1014-QT-EV1 MIMIX-XB1014-QT-EV1 Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results

Similar Description - XB1014-QT-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
XB1008-QT MA-COM-XB1008-QT Datasheet
714Kb / 7P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112 Datasheet
587Kb / 5P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD_15 Datasheet
676Kb / 7P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD_15 Datasheet
1Mb / 14P
   Buffer Amplifier
MAAM-011112 MA-COM-MAAM-011112_15 Datasheet
587Kb / 5P
   Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com