Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13314-374LF Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY13314-374LF
Description  SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13314-374LF Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY13314-374LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13314-374LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET • SKY13314-374LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200882G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 18, 2011
7
Figure 12. SKY13314-374LF PCB Layout Footprint
(Top View)
Figure 13. Typical Part Markings
(Top View)


Similar Part No. - SKY13314-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13316-12LF SKYWORKS-SKY13316-12LF Datasheet
480Kb / 4P
   GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
931Kb / 5P
   PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF - 6 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY13319-374LF SKYWORKS-SKY13319-374LF Datasheet
149Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
More results

Similar Description - SKY13314-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
   SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
   0.1 to 6.0 GHz SPDT Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
   0.1 to 6.0 GHz SPDT Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com