Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5534D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # NE5534D
Description  Equivalent Input Noise Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE5534D Datasheet(HTML) 6 Page - Texas Instruments

Back Button NE5534D Datasheet HTML 2Page - Texas Instruments NE5534D Datasheet HTML 3Page - Texas Instruments NE5534D Datasheet HTML 4Page - Texas Instruments NE5534D Datasheet HTML 5Page - Texas Instruments NE5534D Datasheet HTML 6Page - Texas Instruments NE5534D Datasheet HTML 7Page - Texas Instruments NE5534D Datasheet HTML 8Page - Texas Instruments NE5534D Datasheet HTML 9Page - Texas Instruments NE5534D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
1
0.8
0.6
0.4
−75 −50
−25
0
25
50
1.2
1.4
NORMALIZED INPUT BIAS CURRENT
AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
1.6
75
100
125
TA − Free-Air Temperature − °C
VCC± = ±15 V
Offset
Bias
Figure 2
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
30
25
20
15
10
5
0
VCC± = ±15 V
TA = 25°C
CC = 22 pF
CC = 47 pF
CC = 0
Figure 3
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
f − Frequency − Hz
VCC± = ±15 V
TA = 25°C
CC = 0 pF
CC = 22 pF
106
105
104
103
102
10
1
10
100
1 k
10 k
100 k
1 M
10 M 100 M
Figure 4
0.8
0.6
0.5
0.4
05
10
1
1.1
NORMALIZED SLEW RATE AND
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
1.2
15
20
0.9
0.7
| VCC± | − Supply Voltage − V
TA = 25°C
Unity-Gain
Bandwidth
Slew Rate
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - NE5534D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534D PHILIPS-NE5534D Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
NE5534D TI-NE5534D Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534D TI-NE5534D Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534D TI-NE5534D Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NE5534D ONSEMI-NE5534D Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - NE5534D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com