Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA246 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # LMA246
Description  LOW NOISE PHEMT MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA246 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  LMA246 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA246 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA246 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA246 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LMA246
LOW NOISE PHEMT MMIC
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
12/05/00
Fax:
(408) 970-9950
Email:
sales@filss.com
• MECHANICAL OUTLINE
Notes:
All units are in microns (µm).
All bond pads are 100 X 100 µm
2.
Bias pad (VDD) size is 100 X 121.5 µm
2.
Unless otherwise specified.
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
All information and specifications are subject to change without notice.


Similar Part No. - LMA246

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
LMA240F COSEL-LMA240F Datasheet
1Mb / 10P
   AC-DC Power Supplies Medical Type
June 29, 2020
LMA240F-24-HY COSEL-LMA240F-24-HY Datasheet
1Mb / 10P
   AC-DC Power Supplies Medical Type
June 29, 2020
LMA240F-24-Y COSEL-LMA240F-24-Y Datasheet
1Mb / 10P
   AC-DC Power Supplies Medical Type
June 29, 2020
More results

Similar Description - LMA246

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
   LOW NOISE PHEMT MMIC
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
   LOW NOISE PHEMT MMIC
LMA420 FILTRONIC-LMA420 Datasheet
135Kb / 4P
   LOW NOISE PHEMT MMIC
LMA421 FILTRONIC-LMA421 Datasheet
129Kb / 4P
   LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
   LOW NOISE PHEMT MMIC
LMA419 FILTRONIC-LMA419 Datasheet
138Kb / 4P
   LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
   LOW NOISE PHEMT MMIC
logo
Analog Devices
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com