Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C20400B Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C20400B
Description  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400B Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C20400B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C20400B Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
AC Switching Characteristics (V
DD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min
Typ.
Max.
Units
Notes
F
IN
PLL Mode
95
105
MHz
Bypass Mode
100
400
MHz
T
rise / Tfall
Rise and Fall Time (measured be-
tween 0.175V to 0.525V)
175
700
ps
2
DT
rise / DTfall
Rise and Fall Time Variation
125
ps
2
T
pd
PLL Mode
±250
ps
Non-PLL Mode
2.5
6.5
ns
T
jitter
Cycle – Cycle Jitter
50
ps
3, 4
V
HIGH
Voltage High including overshoot
660
1150
mV
2
V
LOW
Voltage Low including undershoot
-300
mV
2
V
cross
Absolute crossing point voltages
250
550
mV
2
DV
cross
Total Variation of Vcross over all
edges
140
mV
2
T
DC
Duty Cycle
45
55
%
3
t
jphPCIeG1
Phase Jitter, PLL Mode
PCIe Gen1
30
86
ps (p-p)
t
jphPCIeG2
PCIE_2_0_8MHz_1_5M_H3_STEP,
Low Freq.
0.7
3
ps (rms)
PCIE_2_0_8MHz_1_5M_H3_STEP,
High Freq.
2
3.1
t
jphPCIeG3
PCIE_3_0_2MHz_5M_H3_FIRST,
Low Freq.
2
3
PCIE_3_0_2MHz_5M_H3_FIRST,
High Freq.
0.47
1
t
jphPCIeG1
Additive Phase Jitter, Bypass Mode
PCIe Gen1
0
0.001
ps (p-p)
t
jphPCIeG2
PCIE_2_0_8MHz_1_5M_H3_
FIRST, Low Freq.
0
0.001
ps (rms)
PCIE_2_0_8MHz_1_5M_H3_
FIRST, High Freq.
0
0.001
t
jphPCIeG3
PCIE_3_0_2MHz_5M_H3_FIRST,
Low Freq.
0
0.001
PCIE_3_0_2MHz_5M_H3_FIRST,
High Freq.
0
0.001
Notes:
1. Test configuration is R
s = 33.2Ω, Rp = 49.9Ω, and 2pF.
2. Measurement taken from Single Ended waveform.
3. Measurement taken from Differential waveform.
4. Measurement taken using M1 data capture analysis tool.
5. Additive jitter is calculated from input and output RMS phase jitter by using PCIe 2.0 filter. (T
jadd = √(output jitter)
2
– (input jitter)2
11-0126


Similar Part No. - PI6C20400B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400 Datasheet
400Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
   1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400AHE PERICOM-PI6C20400AHE Datasheet
700Kb / 10P
   1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400ALE PERICOM-PI6C20400ALE Datasheet
700Kb / 10P
   1:4 Clock Driver for Intel PCIe Chipsets
More results

Similar Description - PI6C20400B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
   1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
   1 4 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
   1:4 Clock Driver for Intel PCI Express Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
   1 12 Clock Driver for Intel PCIe Chipsets
PI6C21200 PERICOM-PI6C21200 Datasheet
674Kb / 15P
   1:12 Clock Driver for Intel PCI-Express Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
   1:8 Clock Driver for Intel PCI Express Chipsets
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com