Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V08 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V08
Description  1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V08 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4ULS3V08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8773H
06/13/08
PI4ULS3V08
1.2V to 3.6V Universal Bidirectional
Level Shifter with Automatic Directions Control
Note:
1.
This is the skew between any two outputs of the same package, and switching in the same direction. For tSK(a), Output 1 and Output 2 are any
two outputs. For tSK(b), Output 1 and Output 2 are in the same bank. These parameters are warranted but not production tested.
Note:
1.
This is the skew between any two outputs of the same package, and switching in the same direction. For tSK(a), Output 1 and Output 2 are any
two outputs. For tSK(b), Output 1 and Output 2 are in the same bank. These parameters are warranted but not production tested.
Timing Characteristics for VCCA = 1.8V ±0.15V
(Over recommended free-air temperature range, unless otherwise noted.)
Parameter
From
(Input)
To
(Output)
VCCB = 1.2V VCCB = 1.5V
±0.1V
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
Units
Typ
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
A
B
8
1.0
6.0
0.5
5.5
0.5
5.0
0.5
4.5
ns
B
A
6
1.0
6.0
0.5
5.5
0.5
5.0
0.5
4.5
tSK(a)(1)
0.25
0.25
0.25
0.25
tSK(b)(1)
0.2
0.2
0.2
0.2
fMAX
10pF load
B
A
25
35
45
55
65
MHz
A
B
30
40
45
50
55
Timing Characteristics for VCCA = 2.5V ±0.2V
(Over recommended free-air temperature range, unless otherwise noted.)
Parameter
From
(Input)
To
(Output)
VCCB = 1.2V
VCCB = 1.5V
±0.1V
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
Units
Typ
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
A
B
8
1.0
5.5
0.5
5.0
0.5
4.5
0.5
4.0
ns
B
A
6
1.0
5.5
0.5
5.0
0.5
4.5
0.5
4.0
tSK(a)(1)
0.25
0.25
0.25
0.25
tSK(b)(1)
0.2
0.2
0.2
0.2
fmax
10pF load
B
A
30
40
50
75
80
MHz
A
B
40
50
55
75
80
08-0139


Similar Part No. - PI4ULS3V08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V08MZLE PERICOM-PI4ULS3V08MZLE Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
More results

Similar Description - PI4ULS3V08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com