Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1112H Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # AA1112H
Description  2125(h =0.8mm) Type, Milky White resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AA1112H Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button AA1112H Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. AA1112H Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Data(PY)
Page 10
2004.10.26
Single Color 2125 Type
1112H Series
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)


Similar Part No. - AA1112H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA111 MICROSEMI-AA111 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA111 ETC2-AA111 Datasheet
129Kb / 3P
   Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA111 NJSEMI-AA111 Datasheet
145Kb / 2P
   SCRs .5A, Planar
logo
STANLEY ELECTRIC CO.,LT...
AA1111C STANLEY-AA1111C Datasheet
78Kb / 7P
   Flat Lens Type 1.6X0.8mm
AA1111R STANLEY-AA1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
More results

Similar Description - AA1112H

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
VFHA1112H-3BZ2C-TR STANLEY-VFHA1112H-3BZ2C-TR Datasheet
1Mb / 21P
   2125(t=0.8mm) Type, diffused lens
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
logo
LUMEX INC.
SSL-LX100139IGW LUMEX-SSL-LX100139IGW Datasheet
69Kb / 1P
   Milky White Diffused
logo
Sharp Corporation
LT1U40A SHARP-LT1U40A Datasheet
96Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1E40A ETC-LT1E40A Datasheet
105Kb / 5P
   2125 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com