Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM201VSN391MQ25T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EKMM201VSN391MQ25T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM201VSN391MQ25T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EKMM201VSN391MQ25T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 9Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 10Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 11Page - List of Unclassifed Manufacturers EKMM201VSN391MQ25T Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
350 Volts
400 Volts Surge
315 Volts
365 Volts Surge
KMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/12
120
EKMM3B1VSN121MN30T
20
30
N30
2.072
0.75
150
EKMM3B1VSN151MN35T
20
35
N35
1.658
0.82
180
EKMM3B1VSN181MN40T
20
40
N40
1.381
0.9
220
EKMM3B1VSN221MN50T
20
50
N50
1.13
1.0
68
EKMM3B1VSN680MP20T
22
20
P20
3.656
0.45
82
EKMM3B1VSN820MP20T
22
20
P20
3.032
0.47
100
EKMM3B1VSN101MP25T
22
25
P25
2.486
0.61
120
EKMM3B1VSN121MP30T
22
30
P30
2.072
0.75
150
EKMM3B1VSN151MP35T
22
35
P35
1.658
0.82
180
EKMM3B1VSN181MP35T
22
35
P35
1.381
0.92
220
EKMM3B1VSN221MP40T
22
40
P40
1.13
1.04
270
EKMM3B1VSN271MP45T
22
45
P45
0.921
1.16
330
EKMM3B1VSN331MP50T
22
50
P50
0.753
1.33
100
EKMM3B1VSN101MQ20T
25.4
20
Q20
2.486
0.56
120
EKMM3B1VSN121MQ20T
25.4
20
Q20
2.072
0.62
150
EKMM3B1VSN151MQ25T
25.4
25
Q25
1.658
0.82
180
EKMM3B1VSN181MQ30T
25.4
30
Q30
1.381
0.92
220
EKMM3B1VSN221MQ35T
25.4
35
Q35
1.13
1.04
270
EKMM3B1VSN271MQ40T
25.4
40
Q40
0.921
1.16
330
EKMM3B1VSN331MQ45T
25.4
45
Q45
0.753
1.33
390
EKMM3B1VSN391MQ50T
25.4
50
Q50
0.638
1.47
470
EKMM3B1VSN471MQ60T
25.4
60
Q60
0.529
1.7
120
EKMM3B1VSN121MR20T
30
20
R20
2.072
0.65
150
EKMM3B1VSN151MR20T
30
20
R20
1.658
0.7
180
EKMM3B1VSN181MR25T
30
25
R25
1.381
0.9
220
EKMM3B1VSN221MR25T
30
25
R25
1.13
1.04
270
EKMM3B1VSN271MR25T
30
25
R25
0.921
1.16
330
EKMM3B1VSN331MR30T
30
30
R30
0.753
1.33
390
EKMM3B1VSN391MR35T
30
35
R35
0.638
1.47
470
EKMM3B1VSN471MR40T
30
40
R40
0.529
1.7
560
EKMM3B1VSN561MR45T
30
45
R45
0.444
2.05
680
EKMM3B1VSN681MR50T
30
50
R50
0.366
2.17
150
EKMM3B1VSN151MA20T
35
20
A20
1.658
0.76
180
EKMM3B1VSN181MA20T
35
20
A20
1.381
0.85
220
EKMM3B1VSN221MA20T
35
20
A20
1.13
0.9
270
EKMM3B1VSN271MA25T
35
25
A25
0.921
1.15
330
EKMM3B1VSN331MA30T
35
30
A30
0.753
1.33
390
EKMM3B1VSN391MA30T
35
30
A30
0.638
1.47
470
EKMM3B1VSN471MA35T
35
35
A35
0.529
1.7
560
EKMM3B1VSN561MA40T
35
40
A40
0.444
2.05
680
EKMM3B1VSN681MA45T
35
45
A45
0.366
2.17
820
EKMM3B1VSN821MA50T
35
50
A50
0.303
2.20
1,000
EKMM3B1VSN102MA60T
35
60
A60
0.249
2.55
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
47
EKMM351VSN470MN20T
20
20
N20
5.29
0.35
56
EKMM351VSN560MN25T
20
25
N25
4.44
0.43
68
EKMM351VSN680MN25T
20
25
N25
3.656
0.47
82
EKMM351VSN820MN30T
20
30
N30
3.032
0.54
100
EKMM351VSN101MN30T
20
30
N30
2.486
0.6
120
EKMM351VSN121MN35T
20
35
N35
2.072
0.68
150
EKMM351VSN151MN40T
20
40
N40
1.658
0.78
180
EKMM351VSN181MN45T
20
45
N45
1.381
0.87
220
EKMM351VSN221MN50T
20
50
N50
1.13
1.0
56
EKMM351VSN560MP20T
22
20
P20
4.44
0.41
82
EKMM351VSN820MP25T
22
25
P25
3.032
0.55
100
EKMM351VSN101MP25T
22
25
P25
2.486
0.69
120
EKMM351VSN121MP30T
22
30
P30
2.072
0.75
150
EKMM351VSN151MP35T
22
35
P35
1.658
0.82
180
EKMM351VSN181MP40T
22
40
P40
1.381
0.92
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM201VSN391MQ25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM201VSN391MQ25T CHEMI-CON-EKMM201VSN391MQ25T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMM201VSN391MQ25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com