Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEM3112 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PEM3112
Description  30W Power Over Ethernet Plus (POE) PD Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM3112 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PEM3112 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 10Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 11Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 12Page - List of Unclassifed Manufacturers PEM3112 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PEM3100 SERIES
by
30W Power Over Ethernet Plus (POE+) PD Module
www.poweredethernet.com
PEM3100_13F_R1-1
Page 10 of 13
Figure 8
THERMAL PROFILE
Part F.9. – Heat Generation
As with any power component, the PEM3100 modules generate heat. It is important that adequate
ventilation and airflow be taken into consideration at the design stage. The quantum of heat generated by
the PEM3100 will depend on the output load it is required to drive. The maximum ambient operating
temperature is 70OC. Figure 9 below, shows the thermal performance of the PEM3100 with a nominal
51VDC input.
Figure 9 – Thermal Performance profile at nominal Vin
Figure 9
22.5
22.7
22.9
23.1
23.3
23.5
23.7
23.9
24.1
24.3
24.5
Resistance KOhm (approx)
PEM3124 Output Voltage Adjustment
OADJ to -­‐VDC 
OADJ to +VDC 
12 
15 
18 
21 
24 
27 
30 
33 
-­‐20 
-­‐10 
10 
20 
30 
40 
50 
60 
70 
80 
Ambient Temperature (OC) 
PEM3100 
CONTINUOUS 
PEAK 


Similar Part No. - PEM3112

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
logo
VIGO Photonics S.A.
PEM VIGO-PEM Datasheet
737Kb / 2P
   2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PEM-10.6 VIGO-PEM-10.6 Datasheet
737Kb / 2P
   2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
   60 GHz Transmitter Tx Waveguide Module
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEM3112

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
750316334 WURTH-750316334 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750316335 WURTH-750316335 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750318938 WURTH-750318938 Datasheet
552Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
001.001
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X Datasheet
57Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-1 PCA-EPC3248G-1_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-X PCA-EPC3248G-X_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
logo
Wurth Elektronik GmbH &...
750316336 WURTH-750316336 Datasheet
563Kb / 7P
   WE-PoE Power over Ethernet Plus Plus Transformer
002.001
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Wurth Elektronik GmbH &...
750316331 WURTH-750316331 Datasheet
564Kb / 7P
   WE-PoE Power over Ethernet Plus Transformer
002.001
749119450 WURTH-749119450 Datasheet
499Kb / 5P
   WE-PoE Power over Ethernet Plus Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com