Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG201E221MMP1S Datasheet(PDF) 1 Page - Nichicon corporation

Part # EKMG201E221MMP1S
Description  Endurance with ripple current 1,000 to 2,000 hours at 105
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

EKMG201E221MMP1S Datasheet(HTML) 1 Page - Nichicon corporation

  EKMG201E221MMP1S Datasheet HTML 1Page - Nichicon corporation EKMG201E221MMP1S Datasheet HTML 2Page - Nichicon corporation EKMG201E221MMP1S Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, Downsized, 105
KMG
Series
・Endurance with ripple current : 1,000 to 2,000 hours at 105℃
・Solvent resistant type except 350 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃)
(at 20
℃, 120Hz)
(at 120Hz)
(at 20
℃ after 1 minute)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105
℃(6.3 to 100Vdc) -40 to +105℃(160 to 400Vdc) -25 to +105℃(450Vdc)
6.3 to 450Vdc
±20% (M)
6.3 to 100Vdc
160 to 450Vdc
I=0.03CV or 4
µA, whichever is greater.
After 5minutes
After 1minute
CV
≦1,000 I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1,000 I=0.04CV+100 max.
I=0.02CV+25 max.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 1,000 hours (2,000 hours to meet the following two conditions
1): 160Vdc and larger, 2) :
φ12.5 and larger) at 105℃.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 100Vcd
160 to 450Vdc
Capacitance change
≦±20% of the initial value
≦±20% of the initial value
≦200% of the initial specified value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
≦500% of the initial specified value
Characteristics
6.3V
0.34
10V
0.24
16V
0.20
25V
0.16
35V
0.14
50V
0.12
63V
0.10
100V
0.08
450V
0.24
160 to 250V
0.20
350 to 400V
0.24
6.3V
5
12
10V
4
10
16V
3
8
25V
2
5
35V
2
4
50V
2
3
63V
2
3
100V
2
3
450V
6
-
160 to 250V
3
4
350 to 400V
6
6
Time
CV
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
(exceptφ5)
Sleeve (PET : Brown)
5
0.5
2.0
φD
φd
F
φD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
φD+0.5max
L+1.5max
(
φ5 toφ10)
(
φ12.5 to φ18)
Gas escape end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0
µF:1R0,10µF:100,100µF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,100V:101)
Series code
Category
E K M G A A A E A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
KMG
Downsized
KMQ P122
129
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMG201E221MMP1S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EKMG201E221MMP1S NPC-EKMG201E221MMP1S Datasheet
419Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG201E221MMP1S

ManufacturerPart #DatasheetDescription
logo
Surge Components
SPI2W271MND3040 SURGE-SPI2W271MND3040 Datasheet
299Kb / 2P
   Endurance with ripple current
logo
AIC tech Inc.
UW AICTECH-UW Datasheet
67Kb / 2P
   Useful of 2,000 hours at 105ºC
RIDOHU AICTECH-RIDOHU Datasheet
820Kb / 3P
   Useful of 2,000 hours at 105ºC
logo
Nichicon corporation
LGU2G221MELA NICHICON-LGU2G221MELA Datasheet
72Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 105째C.
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
logo
jb Capacitors Company
JMQ JBCAPACITORS-JMQ Datasheet
335Kb / 2P
   Warranty of 5000 hours at 105
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
RUBYCON CORPORATION
50ZL100MEFC8X11.5 RUBYCON-50ZL100MEFC8X11.5 Datasheet
276Kb / 3P
   105??High ripple current, Low impedance.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com