Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMA116 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LMA116
Description  2-10GHz MESFET Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA116 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LMA116 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA116 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA116 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA116 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Filtronic
2-10GHz MESFET Amplifier
Solid State
LMA116
Phone: (408) 988-1845
Internet: http://www.FiltronicSolidState.com
Fax: (408) 970-9950
Assembly Diagram
SINGLE VOLTAGE SUPPLY SCHEME
Notes:
1.) Recommended lead bond technique is thermocompression wedge bonding with 0.001” (25µm) diameter wire. The bond
tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240°C, heated tool (150-160°C) is recommended.
Ultrasonic bonding is not recommended.
2.) The recommended die attach is Ablebond silver epoxy, the stabilize bake temperature is set at 150°C for 45 minutes.
3.) Bond on bond or stitch bond acceptable.
4.) Conductor over conductor acceptable. Conductors must not short.
DSS 006 WC


Similar Part No. - LMA116

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110 FILTRONIC-LMA110 Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA110 FILTRONIC-LMA110 Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
More results

Similar Description - LMA116

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
logo
Knowles Electronics
PDW06041 KNOWLES-PDW06041 Datasheet
171Kb / 2P
   2-10GHz 2-way Wilkinson Power Divider
logo
TriQuint Semiconductor
TGA2624 TRIQUINT-TGA2624_15 Datasheet
619Kb / 14P
   9 to 10GHz 18W GaN Power Amplifier
logo
Dielectric Laboratories...
PDW06038 DILABS-PDW06038 Datasheet
337Kb / 2P
   2-10GHz 2-way Wilkinson Power Divider
PDW06399 DILABS-PDW06399 Datasheet
202Kb / 2P
   10GHz 2-way Wilkinson Power Divider
logo
Filtronic Compound Semi...
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
logo
Dielectric Laboratories...
PDW06041 DILABS-PDW06041 Datasheet
171Kb / 2P
   2-10GHz 2-way Wilkinson Power Divider
logo
Knowles Electronics
PDW06038 KNOWLES-PDW06038 Datasheet
337Kb / 2P
   2-10GHz 2-way Wilkinson Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com