Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM181VSN222MA50T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EKMM181VSN222MA50T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM181VSN222MA50T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EKMM181VSN222MA50T Datasheet HTML 3Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 9Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 10Page - List of Unclassifed Manufacturers EKMM181VSN222MA50T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
220 Volts
275 Volts Surge
200 Volts
250 Volts Surge
120
EKMM221VSN121MN20T
20
20
N20
2.072
0.56
150
EKMM221VSN151MN25T
20
25
N25
1.658
0.73
180
EKMM221VSN181MN25T
20
25
N25
1.381
0.9
220
EKMM221VSN221MN30T
20
30
N30
1.13
1.0
270
EKMM221VSN271MN35T
20
35
N35
0.921
1.15
330
EKMM221VSN331MN40T
20
40
N40
0.753
1.25
390
EKMM221VSN391MN45T
20
45
N45
0.638
1.4
470
EKMM221VSN471MN50T
20
50
N50
0.529
1.51
150
EKMM221VSN151MP20T
22
20
P20
1.658
0.67
220
EKMM221VSN221MP25T
22
25
P25
1.13
1.0
270
EKMM221VSN271MP30T
22
30
P30
0.921
1.15
330
EKMM221VSN331MP35T
22
35
P35
0.753
1.25
390
EKMM221VSN391MP35T
22
35
P35
0.638
1.4
470
EKMM221VSN471MP40T
22
40
P40
0.529
1.51
560
EKMM221VSN561MP45T
22
45
P45
0.444
1.7
180
EKMM221VSN181MQ20T
25.4
20
Q20
1.381
0.76
220
EKMM221VSN221MQ20T
25.4
20
Q20
1.13
0.84
270
EKMM221VSN271MQ25T
25.4
25
Q25
0.921
1.08
330
EKMM221VSN331MQ25T
25.4
25
Q25
0.753
1.25
390
EKMM221VSN391MQ30T
25.4
30
Q30
0.638
1.4
470
EKMM221VSN471MQ35T
25.4
35
Q35
0.529
1.54
560
EKMM221VSN561MQ40T
25.4
40
Q40
0.444
1.72
680
EKMM221VSN681MQ45T
25.4
45
Q45
0.366
1.94
820
EKMM221VSN821MQ50T
25.4
50
Q50
0.303
2.18
1,000
EKMM221VSN102MQ60T
25.4
60
Q60
0.249
2.54
270
EKMM221VSN271MR20T
30
20
R20
0.921
0.98
390
EKMM221VSN391MR25T
30
25
R25
0.638
1.36
470
EKMM221VSN471MR25T
30
25
R25
0.529
1.5
560
EKMM221VSN561MR30T
30
30
R30
0.444
1.7
680
EKMM221VSN681MR35T
30
35
R35
0.366
1.93
820
EKMM221VSN821MR40T
30
40
R40
0.303
2.19
1,000
EKMM221VSN102MR45T
30
45
R45
0.249
2.5
1,200
EKMM221VSN122MR50T
30
50
R50
0.207
2.81
1,500
EKMM221VSN152MR60T
30
60
R60
0.166
3.3
330
EKMM221VSN331MA20T
35
20
A20
0.753
1.13
390
EKMM221VSN391MA20T
35
20
A20
0.638
1.23
820
EKMM201VSN821MQ45T
25.4
45
Q45
0.303
2.04
1,000
EKMM201VSN102MQ50T
25.4
50
Q50
0.249
2.3
1,200
EKMM201VSN122MQ60T
25.4
60
Q60
0.207
2.66
270
EKMM201VSN271MR20T
30
20
R20
0.921
1.05
330
EKMM201VSN331MR20T
30
20
R20
0.753
1.1
470
EKMM201VSN471MR25T
30
25
R25
0.529
1.5
560
EKMM201VSN561MR25T
30
25
R25
0.444
1.67
680
EKMM201VSN681MR30T
30
30
R30
0.366
1.78
820
EKMM201VSN821MR35T
30
35
R35
0.303
2.04
1,000
EKMM201VSN102MR40T
30
40
R40
0.249
2.3
1,200
EKMM201VSN122MR45T
30
45
R45
0.207
2.65
1,500
EKMM201VSN152MR50T
30
50
R50
0.166
3.08
1,800
EKMM201VSN182MR60T
30
60
R60
0.138
3.49
390
EKMM201VSN391MA20T
35
20
A20
0.638
1.3
470
EKMM201VSN471MA20T
35
20
A20
0.529
1.41
680
EKMM201VSN681MA25T
35
25
A25
0.366
1.78
820
EKMM201VSN821MA30T
35
30
A30
0.303
2.04
1,000
EKMM201VSN102MA30T
35
30
A30
0.249
2.3
1,200
EKMM201VSN122MA35T
35
35
A35
0.207
2.65
1,500
EKMM201VSN152MA40T
35
40
A40
0.166
3.08
1,800
EKMM201VSN182MA45T
35
45
A45
0.138
3.48
2,200
EKMM201VSN222MA60T
35
60
A60
0.113
3.78
KMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 12
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM181VSN222MA50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN222MA50T CHEMI-CON-EKMM181VSN222MA50T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMM181VSN222MA50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com