Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM181VSN182MA40T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EKMM181VSN182MA40T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM181VSN182MA40T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EKMM181VSN182MA40T Datasheet HTML 2Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 3Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 9Page - List of Unclassifed Manufacturers EKMM181VSN182MA40T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
200 Volts
250 Volts Surge
180 Volts
225 Volts Surge
390
EKMM181VSN391MP30T
22
30
P30
0.638
1.35
470
EKMM181VSN471MP35T
22
35
P35
0.529
1.5
560
EKMM181VSN561MP40T
22
40
P40
0.444
1.67
680
EKMM181VSN681MP45T
22
45
P45
0.366
1.78
820
EKMM181VSN821MP50T
22
50
P50
0.303
2.04
220
EKMM181VSN221MQ20T
25.4
20
Q20
1.13
0.9
270
EKMM181VSN271MQ20T
25.4
20
Q20
0.921
0.95
330
EKMM181VSN331MQ25T
25.4
25
Q25
0.753
1.16
390
EKMM181VSN391MQ25T
25.4
25
Q25
0.638
1.35
470
EKMM181VSN471MQ30T
25.4
30
Q30
0.529
1.5
560
EKMM181VSN561MQ30T
25.4
30
Q30
0.444
1.67
680
EKMM181VSN681MQ35T
25.4
35
Q35
0.366
1.78
820
EKMM181VSN821MQ40T
25.4
40
Q40
0.303
2.04
1,000
EKMM181VSN102MQ45T
25.4
45
Q45
0.249
2.3
1,200
EKMM181VSN122MQ50T
25.4
50
Q50
0.207
2.55
330
EKMM181VSN331MR20T
30
20
R20
0.753
1.15
390
EKMM181VSN391MR20T
30
20
R20
0.638
1.2
470
EKMM181VSN471MR25T
30
25
R25
0.529
1.5
560
EKMM181VSN561MR25T
30
25
R25
0.444
1.67
680
EKMM181VSN681MR30T
30
30
R30
0.366
1.78
820
EKMM181VSN821MR30T
30
30
R30
0.303
2.04
1,000
EKMM181VSN102MR35T
30
35
R35
0.249
2.3
1,200
EKMM181VSN122MR40T
30
40
R40
0.207
2.55
1,500
EKMM181VSN152MR45T
30
45
R45
0.166
2.9
1,800
EKMM181VSN182MR60T
30
60
R60
0.138
3.49
470
EKMM181VSN471MA20T
35
20
A20
0.529
1.36
560
EKMM181VSN561MA20T
35
20
A20
0.444
1.43
680
EKMM181VSN681MA25T
35
25
A25
0.366
1.83
820
EKMM181VSN821MA25T
35
25
A25
0.303
2.04
1,000
EKMM181VSN102MA30T
35
30
A30
0.249
2.3
1,200
EKMM181VSN122MA30T
35
30
A30
0.207
2.55
1,500
EKMM181VSN152MA35T
35
35
A35
0.166
2.9
1,800
EKMM181VSN182MA40T
35
40
A40
0.138
3.3
2,200
EKMM181VSN222MA50T
35
50
A50
0.113
3.65
2,700
EKMM181VSN272MA60T
35
60
A60
0.092
4.19
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/12
KMM Series
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
Engineering Bulletin Mar 07
120
EKMM201VSN121MN20T
20
20
N20
2.072
0.56
150
EKMM201VSN151MN25T
20
25
N25
1.658
0.71
180
EKMM201VSN181MN25T
20
25
N25
1.381
0.77
220
EKMM201VSN221MN25T
20
25
N25
1.13
1.0
270
EKMM201VSN271MN30T
20
30
N30
0.921
1.1
330
EKMM201VSN331MN35T
20
35
N35
0.753
1.2
390
EKMM201VSN391MN40T
20
40
N40
0.638
1.31
470
EKMM201VSN471MN45T
20
45
N45
0.529
1.45
560
EKMM201VSN561MN50T
20
50
N50
0.444
1.58
150
EKMM201VSN151MP20T
22
20
P20
1.658
0.73
180
EKMM201VSN181MP20T
22
20
P20
1.381
0.8
270
EKMM201VSN271MP25T
22
25
P25
0.921
1.1
330
EKMM201VSN331MP30T
22
30
P30
0.753
1.25
390
EKMM201VSN391MP30T
22
30
P30
0.638
1.35
470
EKMM201VSN471MP35T
22
35
P35
0.529
1.5
560
EKMM201VSN561MP40T
22
40
P40
0.444
1.67
680
EKMM201VSN681MP45T
22
45
P45
0.366
1.78
220
EKMM201VSN221MQ20T
25.4
20
Q20
1.13
0.85
330
EKMM201VSN331MQ25T
25.4
25
Q25
0.753
1.25
390
EKMM201VSN391MQ25T
25.4
25
Q25
0.638
1.35
470
EKMM201VSN471MQ30T
25.4
30
Q30
0.529
1.5
560
EKMM201VSN561MQ35T
25.4
35
Q35
0.444
1.67
680
EKMM201VSN681MQ40T
25.4
40
Q40
0.366
1.78
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM181VSN182MA40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN182MA40T CHEMI-CON-EKMM181VSN182MA40T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMM181VSN182MA40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com