Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMM181VSN561MA20T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EKMM181VSN561MA20T
Description  PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EKMM181VSN561MA20T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EKMM181VSN561MA20T Datasheet HTML 4Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 5Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 6Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 7Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 8Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 9Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 10Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 11Page - List of Unclassifed Manufacturers EKMM181VSN561MA20T Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
400 Volts
450 Volts Surge
420 Volts
470 Volts Surge
KMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 12
82
EKMM401VSN820MR20T
30
20
R20
3.032
0.55
100
EKMM401VSN101MR20T
30
20
R20
2.486
0.6
120
EKMM401VSN121MR25T
30
25
R25
2.072
0.73
150
EKMM401VSN151MR25T
30
25
R25
1.658
0.82
180
EKMM401VSN181MR30T
30
30
R30
1.381
0.98
220
EKMM401VSN221MR30T
30
30
R30
1.13
1.1
270
EKMM401VSN271MR35T
30
35
R35
0.921
1.22
330
EKMM401VSN331MR40T
30
40
R40
0.753
1.44
390
EKMM401VSN391MR45T
30
45
R45
0.638
1.6
470
EKMM401VSN471MR50T
30
50
R50
0.529
1.9
560
EKMM401VSN561MR60T
30
60
R60
0.444
2.1
120
EKMM401VSN121MA20T
35
20
A20
2.072
0.75
150
EKMM401VSN151MA20T
35
20
A20
1.658
0.8
220
EKMM401VSN221MA25T
35
25
A25
1.13
1.1
270
EKMM401VSN271MA30T
35
30
A30
0.921
1.22
330
EKMM401VSN331MA35T
35
35
A35
0.753
1.44
390
EKMM401VSN391MA35T
35
35
A35
0.638
1.6
470
EKMM401VSN471MA40T
35
40
A40
0.529
1.9
560
EKMM401VSN561MA45T
35
45
A45
0.444
2.12
680
EKMM401VSN681MA60T
35
60
A60
0.366
2.27
39
EKMM421VSN390MN20T
20
20
N20
8.5
0.32
47
EKMM421VSN470MN25T
20
25
N25
7.053
0.39
56
EKMM421VSN560MN25T
20
25
N25
5.92
0.51
68
EKMM421VSN680MN30T
20
30
N30
4.875
0.56
82
EKMM421VSN820MN35T
20
35
N35
4.043
0.64
100
EKMM421VSN101MN35T
20
35
N35
3.315
0.7
120
EKMM421VSN121MN40T
20
40
N40
2.763
0.75
150
EKMM421VSN151MN50T
20
50
N50
2.21
0.88
47
EKMM421VSN470MP20T
22
20
P20
7.053
0.37
68
EKMM421VSN680MP25T
22
25
P25
4.875
0.5
82
EKMM421VSN820MP25T
22
25
P25
4.043
0.64
100
EKMM421VSN101MP30T
22
30
P30
3.315
0.7
120
EKMM421VSN121MP35T
22
35
P35
2.763
0.75
150
EKMM421VSN151MP40T
22
40
P40
2.21
0.88
180
EKMM421VSN181MP45T
22
45
P45
1.842
0.95
220
EKMM421VSN221MP50T
22
50
P50
1.507
1.1
56
EKMM421VSN560MQ20T
25.4
20
Q20
5.92
0.42
68
EKMM421VSN680MQ20T
25.4
20
Q20
4.875
0.46
82
EKMM421VSN820MQ25T
25.4
25
Q25
4.043
0.58
100
EKMM421VSN101MQ25T
25.4
25
Q25
3.315
0.7
120
EKMM421VSN121MQ30T
25.4
30
Q30
2.763
0.75
150
EKMM421VSN151MQ35T
25.4
35
Q35
2.21
0.88
180
EKMM421VSN181MQ35T
25.4
35
Q35
1.842
0.95
220
EKMM421VSN221MQ45T
25.4
45
Q45
1.507
1.1
270
EKMM421VSN271MQ50T
25.4
50
Q50
1.228
1.22
330
EKMM421VSN331MQ60T
25.4
60
Q60
1.005
1.41
82
EKMM421VSN820MR20T
30
20
R20
4.043
0.53
100
EKMM421VSN101MR20T
30
20
R20
3.315
0.59
120
EKMM421VSN121MR25T
30
25
R25
2.763
0.73
150
EKMM421VSN151MR25T
30
25
R25
2.21
0.88
180
EKMM421VSN181MR30T
30
30
R30
1.842
0.95
220
EKMM421VSN221MR35T
30
35
R35
1.507
1.1
270
EKMM421VSN271MR40T
30
40
R40
1.228
1.22
330
EKMM421VSN331MR45T
30
45
R45
1.005
1.45
390
EKMM421VSN391MR50T
30
50
R50
0.85
1.55
470
EKMM421VSN471MR60T
30
60
R60
0.705
1.79
120
EKMM421VSN121MA20T
35
20
A20
2.763
0.67
180
EKMM421VSN181MA25T
35
25
A25
1.842
0.94
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMM181VSN561MA20T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMM181VSN561MA20T CHEMI-CON-EKMM181VSN561MA20T Datasheet
141Kb / 12P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMM181VSN561MA20T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Microchip Technology
DM164120-4 MICROCHIP-DM164120-4 Datasheet
250Kb / 1P
   DM164120-4 - PICkit 2 18-Pin Demo Board
logo
CAMBION Electronic Comp...
702-3719 CAMBION-702-3719 Datasheet
27Kb / 1P
   Component Mounting Board, 4 pin
logo
PHOENIX CONTACT
1879133 PHOENIX-1879133 Datasheet
51Kb / 3P
   Base strip - PC 4/ 4-G-7,62 PIN 9,58
logo
Tripp Lite. All Rights ...
P945-06I TRIPPLITE-P945-06I Datasheet
155Kb / 2P
   15-Pin SATA (Male) to 4-Pin (Female) / 4-Pin (Male) Power Cable - 6 in.
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
   Jumper Wire - 0.1, 2-pin, 4
10????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com