Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5408 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 1N5408
Description  GENERAL PURPOSE PLASTIC RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N5408 Datasheet(HTML) 1 Page - Continental Device India Limited

  1N5408 Datasheet HTML 1Page - Continental Device India Limited 1N5408 Datasheet HTML 2Page - Continental Device India Limited 1N5408 Datasheet HTML 3Page - Continental Device India Limited 1N5408 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL PURPOSE PLASTIC RECTIFIERS
1N5400 - 1N5408
DO-201AD
Axial Lead Plastic
Package
Absolute Maximum Ratings (Ratings at TA = 25
oC unless specified otherwise, single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
SYMBOL
1N
5400
1N
5401
1N
5402
1N
5403
1N
5404
1N
5405
1N
5406
1N
5407
1N
5408
UNIT
VRRM
50
100
200
300
400
500
600
800 1000
V
RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
DC Blocking Voltage
VDC
50
100
200
300
400
500
600
800 1000
V
IF (AV)
A
IFSM
A
IR (AV)
µA
*Rth (j-a)
ºC/W
Tj, Tstg
ºC
*Thermal Resistance from Junction to Ambient @ 0.375" (9.5mm) Lead Length, PCB Mounted With
0.8"x0.8" (20x20mm) Copper Heatsinks.
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
SYMBOL
Typ
UNIT
VF
V
IR
µA
µA
Cj
30
pF
1N5400_5408Rev270903E
Max
1.2
5.0
Min
Full Load Reverse Current, Full Cycle Average
0.5" (12.5mm) Lead Length @ TL=105ºC
500
Junction Capacitance
VR = 4V, f = 1MHz
Junction to Ambient in free air
20
Operating Junction and Storage Temperature
Range
- 55 to +150
DC Reverse Current
@ Rated DC Blocking
Voltage
DESCRIPTION
TEST CONDITION
Instantaneous Forward Voltage
IF=3.0A
Average Forward Rectified Current
0.375" (9.5mm) Lead Length @ Ta=55ºC
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
3.0
200
DESCRIPTION
Ta=25ºC
Ta=100ºC
1000
Repetitive Peak Reverse Voltage
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 1N5408

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5408 TSC-1N5408 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
1N5408 YFWDIODE-1N5408 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Motorola, Inc
1N5408 MOTOROLA-1N5408 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5408 DIOTEC-1N5408 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
Edal Industries, Inc.
1N5408 EDAL-1N5408 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
More results

Similar Description - 1N5408

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
   General Purpose Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Cystech Electonics Corp...
RL201 CYSTEKEC-RL201 Datasheet
202Kb / 3P
   General Purpose Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Silicon Standard Corp.
6A05 SSC-6A05 Datasheet
260Kb / 3P
   General Purpose Plastic Rectifiers
1N4004 SSC-1N4004 Datasheet
292Kb / 3P
   General Purpose Plastic Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com