Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3Q67QJ000F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3Q67QJ000F
Description  Mini-flat Half Pitch 4-channel Package, General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q67QJ000F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3Q67QJ000F Datasheet HTML 2Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 3Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 4Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 5Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 6Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 7Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 8Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 9Page - Sharp Corporation PC3Q67QJ000F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A02002EN
0
50
100
150
200
250
170
−30
0
25
50
75
100
125
Ambient temperature Ta (˚C)
Fig.4 Total Power Dissipation vs. Ambient
Temperature
Forward voltage VF (V)
75
˚C
25
˚C
0
˚C
0
0.5
1
1.5
2
1
10
100
−30˚C
100
˚C
0.1
Ta
=50˚C
Fig.6 Forward Current vs. Forward Voltage
Duty ratio
Pulse width
≤100ms
Ta
=25˚C
10
100
10
−3
10
−2
10
−1
1
10 000
1 000
Fig.5 Peak Forward Current vs. Duty Ratio
0
10
20
30
40
50
−30
0
25
75
100
125
55
50
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
0
20
40
60
70
80
100
−30
0
25
75
100
125
55
50
Ambient temperature Ta (˚C)
Fig.2 Diode Power Dissipation vs. Ambient
Temperature
0
50
100
150
200
250
−30
0
25
50
75
100
125
Ambient temperature Ta (˚C)
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
6
PC3Q67QJ000F Series


Similar Part No. - PC3Q67QJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q67Q SHARP-PC3Q67Q Datasheet
67Kb / 5P
   Mini-falt Package, General Purpose Half Pitch Photocoupler
More results

Similar Description - PC3Q67QJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com