Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65542 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # PE-65542
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65542 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button PE-65542 Datasheet HTML 3Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 4Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 5Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 6Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 7Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 8Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 9Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 10Page - Pulse A Technitrol Company PE-65542 Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PE-65944
DATE CODE
COUNTRY OF
ORIGIN
5
6
2
1
.500
12,70
MAX
.400
10,2
.350
8,89
MAX
.250
6,35
MAX
.200
5,08
.130
3,30
12
56
PE-65944
Weight . . . . . . . . . . 1.07 grams
Tube . . . . . . . . . . . . . . . 30/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PE-65944
PE-65554
.595
MAX
15,11
PE-65554
DATE CODE
COUNTRY OF ORIGIN
.480
MAX
12,2
.300
MAX
7,62
876
5
123
4
.300
7,62
.130
3,30
.100
2,54
C
L
C
L
.300
7,62
BOTTOM VIEW
3
6
1
8
2
7
4
5
PE-65554
Weight . . . . . . . . . . . 2.5 grams
Tube . . . . . . . . . . . . . . . 35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
.502
12,75
PT5039
.431
10,96
8X Æ.003
0,08
.006
0,15
.300
7,62
.138
3,50
COUNTRY CODE
DATE CODE
.520
13,20
.002
0,05
.050
1,27
4X .100
2,54
.200
5,08
.400
10,16
SEATING & GAUGE
PLANE
1
8
2
7
3
6
4
5
PT5039
Weight . . . . . . . . . . . 2.5 grams
Tube . . . . . . . . . . . . . . . 35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PT5039
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
8
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


Similar Part No. - PE-65542

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65542 PULSE-PE-65542 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-65542 PULSE-PE-65542 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-65542 PULSE-PE-65542 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-65542

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com