Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68002 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PE-68002
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68002 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button PE-68002 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 9Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 10Page - Pulse A Technitrol Company PE-68002 Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.pulseeng.com
7
G002.K (5/09)
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
Reduces radiated EMI emissions
Filters common mode noise for EMI reduction
Common mode attenuation from 100 kHz
to 1 GHz
Tube packaging available for through hole parts
Electrical Specifications @ 25°C
Primary
Page
Inductance
Common Mode Attenuation
Number
Part
No. of
OCL
(dB TYP)
DCR
Mech &
Number
Lines
(µH MIN)
(
 MAX)
Schem
100 kHz
1 MHz
10 MHz
30 MHz
50 MHz 100 MHz
300 MHz
500 MHz 1 GHz
PE-65944
2
24
1
14
28
32
33
28
13
5
0.30
8
PE-67531
2
140
14
34
45
49
50
47
38
32
25
0.60
9
B2005
2
9000
47
47
41
30
22
33
21
15
15
1.0
10
PE-65554
4
24
21
32
38
39
34
24
13
0.30
8
PE-68002
4
68
7
24
37
41
42
40
31
27
0.35
9
23Z104
4
85
8
23
29
29
28
25
17
11
0.20
10
PE-67539
4
140
14
33
44
48
48
43
33
28
19
0.60
9
PE-65542
4
1000
28
41
42
32
22
0.70
8
PT5039
4
3600
42
43
42
32
27
17
15
9
13
0.50
8
J0010D11
4
9
13
32
35
35
29
13
24
19
0.50
10
PE-65950
4
4700±30%
40
51
37
28
23
20
1.00
8
PE-65541
4
6000
44
54
33
32
29
1.40
8
PE-68613
4
3290
40
51
37
28
23
20
1.00
10
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
PE-65541, PE-65542, PE-65950
56
12
34
7
8
PE-65541
PE-65542
PE-65950
Weight . . . . . . . . . . 0.38 grams
Tube . . . . . . . . . . . . . . . 35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
1
3
5
7
2
4
6
8
.558 MAX
CL
CL
.400
.200
5,08
.400
BOTTOM VIEW
.558 MAX
PE-65XXX
DATE CODE
COUNTRY OF
ORIGIN
.400 MAX
10,16
.130
3,30
Mechanical
Schematic


Similar Part No. - PE-68002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68002 PULSE-PE-68002 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-68002 PULSE-PE-68002 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68002 PULSE-PE-68002 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-68002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com