Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2005 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # B2005
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B2005 Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button B2005 Datasheet HTML 3Page - Pulse A Technitrol Company B2005 Datasheet HTML 4Page - Pulse A Technitrol Company B2005 Datasheet HTML 5Page - Pulse A Technitrol Company B2005 Datasheet HTML 6Page - Pulse A Technitrol Company B2005 Datasheet HTML 7Page - Pulse A Technitrol Company B2005 Datasheet HTML 8Page - Pulse A Technitrol Company B2005 Datasheet HTML 9Page - Pulse A Technitrol Company B2005 Datasheet HTML 10Page - Pulse A Technitrol Company B2005 Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
.400
MAX
10,16
.500
MAX
12,7
.115
.010
2,92
0,25
8 X
o .020
.003
0,51
0,08
.300
.010
7,62
0,25
1
2
4
5
10
9
7
6
12,83
.100
2,54
. 200 – .010
5,08
0,25
. 400 – .010
10,16
0,25
PE-68613
DATE CODE
COUNTRY OF
ORIGIN
Weight . . . . . . . . . . . 3.5 grams
Tube . . . . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,127
4
7
5
6
1
10
2
9
PE-68613
PE-68613
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
10
G002.K (5/09)
Weight . . . . . . . . . . . 1.0 grams
Tube . . . . . . . . . . . . . . . 50/tube
1
8
2
7
3
6
4
5
23Z104
.018
TYP
0,46
Fil-Mag
.100
TYP
2,54
.300 –.010
762
0 25
.340 –.020
8,64 –.0,51
.450
11,43
.125 –.020
3,18 –.0,51
.265
6,73
15
MIN
38
.250
MIN
6,35
23Z104
DATE CODE
COUNTRY OF
ORIGIN
23Z104
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic
B2005
10 6
15
Weight . . . . . . . . 3.7 grams
Tube . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
B2005
.130
3,30
.500 MAX
12,70
.400
10,16
.300
7,62
1
5
10
6
.500 MAX
12,70
.400 MAX
10,16
B2005
Date Code
Country of Origin
4X Æ.025
0,64


Similar Part No. - B2005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B2005 PULSE-B2005 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
B2005 PULSE-B2005 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
B2005 PULSE-B2005 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
B2005 PULSE-B2005 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
E-SWITCH
B200500 E-SWITCH-B200500 Datasheet
98Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B2005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com