Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1001-BD Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XX1001-BD
Description  Doubler and Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1001-BD Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XX1001-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1001-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Doubler and Power Amplifier
18.0-21.0/36.0-42.0 GHz
XX1001-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Features
 Integrated Doubler and Power Amplifier
 Excellent Saturated Output Stage
 +26.0 dBm Output Power
 50.0 dBc Fundamental Suppression
 100% On-Wafer RF, DC & Output Power Testing
 100% Commercial-Level Visual Inspection Using
Mil-Std-883 Method 2010
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM Tech’s 18.0-21.0/36.0-42.0 GHz GaAs
MMIC doubler integrates a doubler and 4-stage
power amplifier. The device provides better than
+26.0 dBm output power and has excellent
fundamental rejection. This MMIC uses M/A-COM
Tech’s GaAs PHEMT device model technology, and
is based upon electron beam lithography to ensure
high repeatability and uniformity. The chip has
surface passivation to protect and provide a rugged
part with backside via holes and gold metallization to
allow either a conductive epoxy or eutectic solder
die attach process. This device is well suited for
Millimeter-wave
Point-to-Point
Radio,
LMDS,
SATCOM and VSAT applications.
Ordering Information
Part Number
Package
XX1001-BD-000V
vacuum release gel paks
XX1001-BD-EV1
evaluation board
Chip Device Layout
Absolute Maximum Ratings1
Parameter
Absolute Max.
Supply Voltage (Vd)
+6.0 VDC
Supply Current (Id)
800 mA
Gate Bias Voltage (Vg)
+0.3 VDC
Input Power (RF Pin)
TBD
Storage Temperature (Tstg)
-65 °C to +165 °C
Operating Temperature (Ta)
-55 °C to MTTF Table1
Channel Temperature (Tch)
MTTF Table1
(1)
Channel temperature directly affects a device's MTTF. Channel tem-
perature should be kept as low as possible to maximize lifetime.


Similar Part No. - XX1001-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XX1001-BD-000V MIMIX-XX1001-BD-000V Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-000W MIMIX-XX1001-BD-000W Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD-EV1 MIMIX-XX1001-BD-EV1 Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
More results

Similar Description - XX1001-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
   Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com