Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68624 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # PE-68624
Description  Reduces radiated EMI emissions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68624 Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button PE-68624 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 9Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 10Page - Pulse A Technitrol Company PE-68624 Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
11
G002.K (5/09)
HP 3577A
Network Analyzer
50
Ω
50
Ω
D.U.T.
Test Notes:
1.
Network analyzer calibrated to compensate for
50
 resistors.
2.
All windings on a core are connected in parallel
for the test.
3.
For multi-core chokes, test data is for one core
only. The windings on the other core(s) are left
unconnected (i.e. open).
Common Mode Test Circuit for Surface Mount and Through Hole
J0010D11 - Filtered Connector
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.
Dimensions:
Inches
Unless otherwise specified, all tolerances are
.010
mm
0,25


Similar Part No. - PE-68624

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-68624

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com