Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0720EAL Datasheet(PDF) 2 Page - Littelfuse

Part # P0720EAL
Description  SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0720EAL Datasheet(HTML) 2 Page - Littelfuse

  P0720EAL Datasheet HTML 1Page - Littelfuse P0720EAL Datasheet HTML 2Page - Littelfuse P0720EAL Datasheet HTML 3Page - Littelfuse P0720EAL Datasheet HTML 4Page - Littelfuse P0720EAL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
159
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V Min
V Max
mA Min mA Max A Max
V Max
pF Min pF Max
P0080EBLxxx
P0080EB
6
25
50
800
2.2
4
25
150
P0300EBLxxx
P0300EB
25
40
50
800
2.2
4
15
140
P0640EBLxxx
P0640EB
58
77
150
800
2.2
4
40
60
P0720EBLxxx
P0720EB
65
88
150
800
2.2
4
35
75
P0900EBLxxx
P0900EB
75
98
150
800
2.2
4
35
70
P1100EBLxxx
P1100EB
90
130
150
800
2.2
4
30
70
P1300EBLxxx
P1300EB
120
160
150
800
2.2
4
25
60
P1500EBLxxx
P1500EB
140
180
150
800
2.2
425
55
P1800EBLxxx
P1800EB
170
220
150
800
2.2
4
25
50
P2300EBLxxx
P2300EB
190
260
150
800
2.2
4
25
50
P2600EBLxxx
P2600EB
220
300
150
800
2.2
4
20
45
P3100EBLxxx
P3100EB
275
350
150
800
2.2
4
20
45
P3500EBLxxx
P3500EB
320
400
150
800
2.2
4
20
40
P0080ECLxxx
P0080EC
6
25
50
800
2.2
4
35
260
P0300ECLxxx
P0300EC
25
40
50
800
2.2
4
25
250
P0640ECLxxx
P0640EC
58
77
150
800
2.2
4
55
155
P0720ECLxxx
P0720EC
65
88
150
800
2.2
4
50
150
P0900ECLxxx
P0900EC
75
98
150
800
2.2
4
45
140
P1100ECLxxx
P1100EC
90
130
150
800
2.2
4
45
115
P1300ECLxxx
P1300EC
120
160
150
800
2.2
4
40
105
P1500ECLxxx
P1500EC
140
180
150
800
2.2
4
35
95
P1800ECLxxx
P1800EC
170
220
150
800
2.2
4
35
90
P2300ECLxxx
P2300EC
190
260
150
800
2.2
4
30
80
P2600ECLxxx
P2600EC
220
300
150
800
2.2
4
30
80
P3100ECLxxx
P3100EC
275
350
150
800
2.2
4
30
70
P3500ECLxxx
P3500EC
320
400
150
800
2.2
4
25
65
Package
Symbol
Parameter
Value
Unit
TO-92
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
A
20
150
150
90
507575
45
7520
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- xxx part number suffix: ‘AP’ = Ammo Pack, ‘RP1’ and ‘RP2’ = Reel Pack, blank = Bulk Pack
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <
Electrical Characteristics (continued)


Similar Part No. - P0720EAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0720EAL LITTELFUSE-P0720EAL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P0720EAL LITTELFUSE-P0720EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
P0720EAL LITTELFUSE-P0720EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P0720EAL HUAXINAN-P0720EAL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P0720EAL HUAXINAN-P0720EAL Datasheet
617Kb / 7P
   Protection Thyristor
More results

Similar Description - P0720EAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3203AB60 LITTELFUSE-P3203AB60 Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P2600SBRP LITTELFUSE-P2600SBRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
P0080S4BLRP LITTELFUSE-P0080S4BLRP Datasheet
653Kb / 4P
   Protection Thyristors
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
logo
HuaXinAn Electronics CO...
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com