Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM658160TS-33 Datasheet(PDF) 7 Page - Etron Technology, Inc.

Part # EM658160TS-33
Description  4M x 16 DDR Synchronous DRAM (SDRAM)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM658160TS-33 Datasheet(HTML) 7 Page - Etron Technology, Inc.

Back Button EM658160TS-33 Datasheet HTML 3Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 4Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 5Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 6Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 7Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 8Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 9Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 10Page - Etron Technology, Inc. EM658160TS-33 Datasheet HTML 11Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Et r onT ech
4Mx16 DDR SDRAM
EM658160
Etron Confidential
7
Rev. 1.1
Jan. 2002
CAS Latency Field (A6~A4)
This field specifies the number of clock cycles from the assertion of the Read command to the
first read data. The minimum whole value of CAS Latency depends on the frequency of CK.
The minimum whole value satisfying the following formula must be programmed into this field.
tCAC(min)
≤ CAS Latency X tCK
A6
A5
A4
CAS Latency
0
0
0
Reserved
01
0
2 clocks
01
1
3 clocks
1
0
1
Reserved
1
1
0
2.5 clocks
1
1
1
Reserved (3.5 clocks)
Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal
operation.
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset
X
1
Test mode
( BS0, BS1)
BS1
BS0
An ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)
Extended Mode Register Set (EMRS)
BS1
BS0
A11~ A1
A0
RFU
1
RFU
0
DLL Enable
RFU
1
RFU
1
DLL Disable


Similar Part No. - EM658160TS-33

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
979Kb / 9P
   This board contains the different MFP?셲
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A EMMICRO-EM6580SO14A Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580SO14A++ EMMICRO-EM6580SO14A+ Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
More results

Similar Description - EM658160TS-33

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSC-4G ETRON-EM6A8160TSC-4G Datasheet
472Kb / 53P
   4M x 16 DDR Synchronous DRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com