Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM636327Q-8 Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM636327Q-8
Description  512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM636327Q-8 Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM636327Q-8 Datasheet HTML 1Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 2Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 3Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 4Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 5Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 6Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 7Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 8Page - Etron Technology, Inc. EM636327Q-8 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
EtronTech
EM636327
Etron Technology, Inc.
1F, No. 1, Prosperity Rd. 1, Science-Based Industrial Park, Hsinchu, Taiwan, R.O.C
TEL: (886)-3-5782345 FAX: (886)-3-5779001
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)
Preliminary (12/98)
Features
• Fast access time from clock: 5/5/5.5/6.5/7.5 ns
• Fast clock rate: 183/166/143/125/100 MHz
• Fully synchronous operation
• Internal pipelined architecture
• Dual internal banks(256K x 32-bit x 2-bank)
• Programmable Mode and Special Mode registers
- CAS# Latency: 1, 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: interleaved or linear burst
- Burst-Read-Single-Write
- Load Color or Mask register
• Burst stop function
• Individual byte controlled by DQM0-3
• Block write and write-per-bit capability
• Auto Refresh and Self Refresh
• 2048 refresh cycles/32ms
• Single +3.3V±0.3V power supply
• Interface: LVTTL
• JEDEC 100-pin Plastic package
-QFP (body thickness=2.8mm)
-TQFP1.4 (body thickness=1.4mm)
-TQFP1.0 (body thickness=1.0mm)
Overview
Key Specifications
EM636327
- 55/6/7/8/10
tCK3 Clock Cycle time(min.)
5.5/6/7/8/10 ns
tRAS Row Active time(max.)
32/36/42/48/60 ns
tAC1 Access time from Read command 7/8/13/18/23 ns
tAC3 Access time from CLK(max.)
5/5/5.5/6.5/7.5 ns
tRC
Row Cycle time(min.)
48/54/63/72/90 ns
Ordering Information
Part Number
Frequency
Package
EM636327Q-10
100MHz
QFP
EM636327R-10
100MHz
QFP (Reverse)
EM636327TQ-10
100MHz
TQFP1.4
EM636327JT-10
100MHz
TQFP1.0
EM636327Q-8
125MHz
QFP
EM636327R-8
125MHz
QFP (Reverse)
EM636327TQ-8
125MHz
TQFP1.4
EM636327JT-8
125MHz
TQFP1.0
EM636327Q-7
143MHz
QFP
EM636327TQ-7
143MHz
TQFP1.4
EM636327Q-6
166MHz
QFP
EM636327TQ-6
166MHz
TQFP1.4
EM636327Q-55
183MHz
QFP
EM636327TQ-55
183MHz
TQFP1.4
The EM636327 SGRAM is a high-speed
CMOS synchronous graphics DRAM containing 16
Mbits. It is internally configured as a dual 256K x
32 DRAM with a synchronous interface (all signals
are registered on the positive edge of the clock
signal, CLK). Each of the 256K x 32 bit banks is
organized as 1024 rows by 256 columns by 32 bits.
Read and write accesses to the SGRAM are burst
oriented; accesses start at a selected location and
continue for a programmed number of locations in
a programmed sequence. Accesses begin with the
registration of a BankActivate command which is
then followed by a Read or Write command.
The EM636327 provides for programmable
Read or Write burst lengths of 1, 2, 4, 8, or full
page, with a burst termination option. An auto
precharge function may be enabled to provide a
self-timed row precharge that is initiated at the end
of the burst sequence. The refresh functions,
either Auto or Self Refresh are easy to use.
In
addition, EM636327 features the write-per-bit and
the masked block write functions.
By having a programmable mode register and
special mode register, the system can choose the
most suitable modes to maximize its performance.
These devices are well suited for applications
requiring high memory bandwidth, and when
combined with special graphics functions result in
a
device
particularly
well
suited
to
high
performance graphics applications.


Similar Part No. - EM636327Q-8

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
EM636165TS-10 ETRON-EM636165TS-10 Datasheet
771Kb / 74P
   1Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM636327Q-8

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com