Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM639165TS-75 Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part # EM639165TS-75
Description  8Mega x 16bits SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM639165TS-75 Datasheet(HTML) 3 Page - Etron Technology, Inc.

  EM639165TS-75 Datasheet HTML 1Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 2Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 3Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 4Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 5Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 6Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 7Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 8Page - Etron Technology, Inc. EM639165TS-75 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Preliminary
Rev 1.0
Feb. 2001
EM639165
3
PIN FUNCTION
CLK
Input
Master Clock:
All other inputs are referenced to the rising edge of CLK
CKE
Input
Clock Enable:
CKE controls internal clock.When CKE is low, internal clock for
the following cycle is ceased. CKE is also used to select
auto / self-refresh.
After self-refresh mode is started, CKE becomes asynchronous input.
Self-refresh is maintained as long as CKE is low.
/CS
Input
Chip Select:
When /CS is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-11
Input
A0-11 specify the Row / Column Address in conjunction with BA0,1.
The Row Address is specified by A0-11.
The Column Address is specified byA0-8.
A10 is also used to indicate precharge option. When A10 is high at a
read / write command, an auto precharge is performed. When A10 is
high at a precharge command, all banks are precharged.
BA0,1
Input
Bank Address:
BA0,1 specifies one of four banks to which a command is applied.
BA0,1 must be set with ACT, PRE , READ , WRITE commands.
Input / Output
Input
Din Mask / Output Disable:
When DQM(U/L) is high in burst write, Din for the current cycle is
masked. When DQM(U/L) is high in burst read,
Dout is disabled at the next but one cycle.
VDD,VSS
Power Supply
Power Supply for the memory array and peripheral circuitry.
VDDQ,VSSQ
Power Supply
VDDQ and VSSQ are supplied to the Output Buffers only.
Data In and Data out are referenced to the rising edge of CLK.
DQ0-15
DQMU/L


Similar Part No. - EM639165TS-75

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM639165TS-7G ETRON-EM639165TS-7G Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
EM639165TS-7LG ETRON-EM639165TS-7LG Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM639165TS-75

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
logo
Integrated Silicon Solu...
IS43LR16400B ISSI-IS43LR16400B Datasheet
1Mb / 42P
   1M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320C ISSI-IS43LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320B ISSI-IS43LR16320B Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
logo
Winbond
W9864G6IH WINBOND-W9864G6IH Datasheet
1Mb / 43P
   1M 횞 4BANKS 횞 16BITS SDRAM
W9864G6IH WINBOND-W9864G6IH_10 Datasheet
672Kb / 44P
   1M 횞 4BANKS 횞 16BITS SDRAM
logo
Hynix Semiconductor
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com