Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1711 Datasheet(PDF) 1 Page - Continental Device India Limited

Part No. 2N1711
Description  NPN SILICON PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDIL [Continental Device India Limited]
Homepage  http://www.cdilsemi.com
Logo 

   
 1 page
background image
NPN SILICON PLANAR TRANSISTOR
2N1711
TO-39
Metal Can Package
General Purpose Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Emitter Voltage, RBE < 10Ω
VCER
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Power Dissipation at Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation at Tc=25ºC
PD
Derate Above 25ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCER
IC=1mA, RBE <10 Ω
50
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
75
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
7.0
V
Collector Cut Off Current
ICBO
VCB=60V, IE=0
10
nA
VCB=60V, IE=0, Ta=150ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
5.0
nA
DC Current Gain
hFE
IC=0.01mA, VCE=10V
20
IC=0.1mA, VCE=10V
35
IC=10mA, VCE=10V
75
IC=10mA, VCE=10V, Ta= -55ºC
35
IC=150mA, VCE=10V
100
300
IC=500mA, VCE=10V
40
Collector Emitter Saturation Voltage
*VCE (sat)
IC=150mA, IB=15mA
0.5
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=150mA, IB=15mA
1.3
V
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Transition Frequency
fT
IC=50mA, VCE=10V, f=20MHz
70
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=100KHz
25
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=100KHz
80
pF
Input Impedance
hib
IC=1mA, VCB=5V, f=1KHz
24
34
IC=5mA, VCB=10V, f=1KHz
4.0
8.0
Voltage Feedback Ratio
hrb
IC=1mA, VCB=5V, f=1KHz
5.0
x10
-4
IC=5mA, VCB=10V, f=1KHz
5.0
x10
-4
Small Signal Current Gain
hfe
IC=1mA, VCB=5V, f=1KHz
50
200
IC=5mA, VCB=10V, f=1KHz
70
300
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N1711Rev_1 040406E
UNIT
V
V
mW
mW/ ºC
W
800
VALUE
75
7.0
50
V
mW/ ºC
ºC
4.57
3.0
17.15
- 65 to +200
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl