Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE170 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MJE170
Description  PNP PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE170 Datasheet(HTML) 2 Page - Continental Device India Limited

  MJE170 Datasheet HTML 1Page - Continental Device India Limited MJE170 Datasheet HTML 2Page - Continental Device India Limited MJE170 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
3.0
A
Collector current (Peak value)
IC
max.
6.0
A
Base current
IB
max.
1.0
A
Total power dissipation up to TA = 25°C Ptot
max.
1.5
W
Derate above 25°C
max.
0.012
W/°C
Total power dissipation up to TC = 25°C Ptot
max.
12.5
W
Derate above 25°C
max.
0.1
W/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
10
°C/W
From junction to ambient
Rth j–a
83.4
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
170 171 172
Collector cutoff current
180 181 182
IE = 0; VCB = 60 V
ICBO
max. 0.1
µA
IE = 0; VCB = 80 V
ICBO
max.
0.1
µA
IE = 0; VCB = 100 V
ICBO
max.
0.1 µA
IE = 0; VCB = 60 V; TC = 150°C
ICBO
max. 0.1
mA
IE = 0; VCB = 80 V; TC = 150°C
ICBO
max.
0.1
mA
IE = 0; VCB = 100 V; TC = 150°C
ICBO
max.
0.1 mA
Emitter cut-off current
IC = 0; VEB = 7 V
IEBO
max.
1.0
µA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO(sus)
min.
40
60
80
V
IC = 1 mA; IE = 0
VCBO
min.
60
80
100 V
IE = 1 mA; IC = 0
VEBO
min.
7.0
V
Saturation voltages
IC = 500 mA; IB = 50 mA
VCEsat
max.
0.3
V
IC = 1.5 A; IB = 150 mA
VCEsat
max.
0.9
V
VBEsat
max.
1.5
V
IC = 3 A; IB = 600 mA
VCEsat
max.
1.7
V
VBEsat
max.
2.0
V
Base-emitter on voltage
IC = 500 mA; VCE = 1 V
VBE(on)
max.
1.2
V
D.C. curent gain
IC = 100 mA; VCE = 1 V
hFE
min.
50
max.
250
IC = 500 mA; VCE = 1 V
hFE
min.
30
IC = 1.5 A; VCE = 1 V
hFE
min.
12
Output capacitance at f = 0.1 MHz
IE = 0; VCB = 10V NPN
Co
max.
40
pF
———————— PNP
Co
max.
60
pF
Transition frequency at f = 10 MHz
IC = 100 mA; VCE = 10 V
fT(2)
min.
50
MHz
(2) fT = |hFE|• ftest
MJE170, MJE171, MJE172
MJE180, MJE181, MJE182


Similar Part No. - MJE170

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE170 MOSPEC-MJE170 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Nanjing International G...
MJE170 DGNJDZ-MJE170 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Samsung semiconductor
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
logo
Fairchild Semiconductor
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
logo
ON Semiconductor
MJE170 ONSEMI-MJE170 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
More results

Similar Description - MJE170

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB631 CDIL-CSB631 Datasheet
125Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
List of Unclassifed Man...
BD202 ETC-BD202 Datasheet
26Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BF470 CDIL-BF470 Datasheet
127Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
CSA968 CDIL-CSA968 Datasheet
123Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD136 TEL-BD136 Datasheet
53Kb / 2P
   PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com