Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15029 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MJE15029
Description  PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE15029 Datasheet(HTML) 2 Page - Continental Device India Limited

  MJE15029 Datasheet HTML 1Page - Continental Device India Limited MJE15029 Datasheet HTML 2Page - Continental Device India Limited MJE15029 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Emitter base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
8.0
A
Collector current (Peak value)
IC
max.
16
A
Base current
IB
max.
2.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
50
W
Derate above 25°C
max.
0.4
W/°C
Total power dissipation up to TA = 25°C
Ptot
max.
2.0
W
Derate above 25°C
max.
0.016
W/°C
Junction temperature
Tj
max.
150
ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
=
2.5
°C/W
From junction to ambient
Rth j–a
=
62.5
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
15028
15030
15029
15031
Collector cutoff current
IB = 0; VCE = 120V
ICEO
max. 0.1
– mA
IB = 0; VCE = 150V
ICEO
max.
0.1 mA
IE = 0; VCB = 120V
ICBO
max. 10
– µA
IE = 0; VCB = 150V
ICBO
max.
10 µA
Emitter cut-off current
IC = 0; VEB = 5V
IEBO
max.
10
µA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO(sus)* min. 120
150 V
IC = 1 mA; IE = 0
VCBO
min. 120
150 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 1 A; IB = 0.1 A
VCEsat*
max.
0.5
V
Base emitter on voltage
IC = 1A; VCE = 2V
VBE(on)*
max.
1.0
V
D.C. current gain
IC = 0.1 A; VCE = 2 V
hFE*
min.
40
IC = 2 A; VCE = 2 V
hFE*
min.
40
IC = 3 A; VCE = 2 V
hFE*
min.
40
IC = 4 A; VCE = 2 V
hFE*
min.
20
Transition frequency f = 10 MHz
IC = 500 mA; VCE = 10 V
fT(1)
min.
30
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
(1) fT = |hfe|• ftest
MJE15028, MJE15030
MJE15029, MJE15031


Similar Part No. - MJE15029

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15029 MOSPEC-MJE15029 Datasheet
208Kb / 4P
   POWER TRANSISTORS(8.0A,120-150V,50W)
logo
ON Semiconductor
MJE15029 ONSEMI-MJE15029 Datasheet
82Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 7
logo
Motorola, Inc
MJE15029 MOTOROLA-MJE15029 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15029 ONSEMI-MJE15029 Datasheet
217Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
logo
Boca Semiconductor Corp...
MJE15029 BOCA-MJE15029 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
More results

Similar Description - MJE15029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
   Plastic Power Transistors
August, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
   PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
   PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
   PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
   PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
   PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com