Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15033PNP Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MJE15033PNP
Description  SILICON EPITAXIAL POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE15033PNP Datasheet(HTML) 2 Page - Continental Device India Limited

  MJE15033PNP Datasheet HTML 1Page - Continental Device India Limited MJE15033PNP Datasheet HTML 2Page - Continental Device India Limited MJE15033PNP Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJE15032 NPN
MJE15033 PNP
TO - 220
Plastic Package
TO-220 Plastic Package
TO-220 Tube Packing
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
All Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
DE
VIC
E N
AM
E
Sr.
Qty
.
Label
538
.00
75.0
All diminsions in mm.
DIM
MIN
MAX
N
O
B
C
D
E
F
G
H
J
K
L
M
A
14.42
16.51
9.63
10.67
3.56
4.83
0.90
1.15
1.40
3.75
3.88
2.29
2.79
2.54
3.43
0.56
12.70
14.73
2.80
4.07
2.03
2.92
31.24
7 DEG
Pin Configuration
1. Base
2. Collector
3. Emitter
4. Collector
3
2
1
4
C
E
J
M
1
2
3
B
F
D
G
TO-220
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
135 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1K
1K
17" x 15" x 13.5"
19" x 19" x 19"
16K
10K
36 kgs
28 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 3


Similar Part No. - MJE15033PNP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15033 MOTOROLA-MJE15033 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15033 ONSEMI-MJE15033 Datasheet
141Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1997
MJE15033 ONSEMI-MJE15033 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Savantic, Inc.
MJE15033 SAVANTIC-MJE15033 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJE15033 ISC-MJE15033 Datasheet
107Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - MJE15033PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD233 CDIL-BD233 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com