Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13006 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MJE13006
Description  NPN PLASTIC POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE13006 Datasheet(HTML) 1 Page - Continental Device India Limited

  MJE13006 Datasheet HTML 1Page - Continental Device India Limited MJE13006 Datasheet HTML 2Page - Continental Device India Limited MJE13006 Datasheet HTML 3Page - Continental Device India Limited MJE13006 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
MJE13006
MJE13007
TO-220
Plastic Package
Switchmode Series NPN Silicon Power Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
MJE13006
UNIT
Collector Emitter Sustaining Voltage
VCEO (sus)
300
V
Collector Emitter Voltage
VCEV
600
V
Emitter Base Voltage
VEBO
9
V
Collector Current Continuous
IC
8
A
*Peak
ICM
16
A
Base Current Continuous
IB
4
A
*Peak
IBM
8
A
Emitter Current Continuous
IE
12
A
*Peak
IEM
24
A
Power Dissipation upto Ta=25ºC
PD
2
W
Derate above=25ºC
16
mW/ºC
Power Dissipation upto Tc=25ºC
PD
80
W
Derate above=25ºC
640
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
- 65 to +150
ºC
* Pulse Test: Pulse Width =5ms, Duty Cycle<10%
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
1.56
ºC/W
Junction to Ambient in free air
Rth (j-a)
62.5
ºC/W
Maxmium Lead Temperature for
Soldering Purpose 1/8" from Case for 5
Seconds
TL
275
ºC
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter sustaining voltage
**VCEO(sus)
IC=10mA, IB=0
MJE13006
300
V
MJE13007
400
V
Collector Cut Off Current
ICEV
VCEV=Rated Value,VBE=(off)=1.5V
1.0
mA
TC=100ºC
VCEV=Rated Value,VBE=(off)=1.5V
5.0
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
1.0
mA
DC Current Gain
**hFE
IC=2A, VCE=5V
8
60
IC=5A, VCE=5V
5
30
**Pulse Test: Pulse Width=300
µµs, Duty Cycle<2%
MJE13007
400
700
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MJE13006

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
   POWER TRANSISTORS(8A,300-400V,80W)
logo
Fairchild Semiconductor
MJE13006 FAIRCHILD-MJE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13006_13007 FAIRCHILD-MJE13006_13007 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
More results

Similar Description - MJE13006

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com