Electronic Components Datasheet Search |
|
MMSZ5V1 Datasheet(PDF) 1 Page - Continental Device India Limited |
|
MMSZ5V1 Datasheet(HTML) 1 Page - Continental Device India Limited |
1 / 5 page ZENER VOLTAGE REGULATOR DIODES MMSZ4V7 - 56V SOD-123 PLASTIC PACKAGE For High Density Applications Polarity: - Cathode indicated by polarity band ABSOLUTE MAXIMUM RATINGS Power Dissipation on FR-5 Board at TL=75ºC (Note 1) Derated Above 75ºC Thermal Resistance, Junction to Ambient (Note 2) Thermal Resistance, Junction to Lead (Note 2) Operating and Storage Junction Temperature Range Note1. FR-5=3.5 x 1.5 inches Note2. Thermal Resistance measured obtained via infrared Scan Method Forward Voltage at IF=10mA <0.9V and <1.5V at 200mA ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise) Device ZZT1 (Note5) VZ2 (V) Notes 3 and 4 at IZT2=1mA ZZT2 (Note 5) ( Ω Ω) IR at VR at IZT2= µµA (V) 1mA min nom max min max max Max MMSZ4V7 4.47 4.7 4.94 3.7 4.7 500 3.0 2.0 MMSZ5V1 4.85 5.1 5.36 60 4.2 5.3 480 2.0 2.0 MMSZ5V6 5.32 5.6 5.88 40 4.8 6.0 400 1.0 2.0 MMSZ6V2 5.89 6.2 6.51 10 5.6 6.6 150 3.0 4.0 MMSZ6V8 6.46 6,8 7.14 15 6.3 7.2 80 2.0 4.0 MMSZ7V5 7.13 7.5 7.88 15 6.9 7.9 80 1.0 5.0 MMSZ8V2 7.79 8.2 8.61 15 7.6 8.7 80 0.7 5.0 MMSZ9V1 8.65 9.1 9.56 15 8.4 9.6 100 0.5 6.0 MMSZ10 9.50 10 10.50 20 9.3 10.6 150 0.2 7.0 Note3. Tolerance of +/- 5% on the nominal Zener Voltage Note4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current App;ied for PW=1ms Note5. ZZT and ZZK are measured by dividing the AC Voltage drop across the device by the AC Current Applied The specified limits are for IZ (AC) =0.1 IZ (DC) with the AC frequency =1KHz MMSZ4V7_56Rev_1 050506E Marking U3 °C VALUE 500 6.7 340 150 - 55 to +150 UNIT mW mW/ºC ºC/W U4 V3 V5 U5 V1 V2 V4 A1 DESCRIPTION 80 VZ1 (V) Notes 3 and 4 at IZT1=5mA at IZT1= 5mA max ( Ω Ω) ºC/W SYMBOL PD Rth (j-a) Rth (j-L) Tj, Tstg Max Reverse Current Continental Device India Limited Data Sheet Page 1 of 5 Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |
Similar Part No. - MMSZ5V1 |
|
Similar Description - MMSZ5V1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |