Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM565161BA-70E Datasheet(PDF) 5 Page - Etron Technology, Inc.

Part # EM565161BA-70E
Description  512K x 16 Low Power SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM565161BA-70E Datasheet(HTML) 5 Page - Etron Technology, Inc.

  EM565161BA-70E Datasheet HTML 1Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 2Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 3Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 4Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 5Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 6Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 7Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 8Page - Etron Technology, Inc. EM565161BA-70E Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Et r onT ech
EM565161
Preliminary
5
Rev 0.9
Jan 2002
AC Characteristics and Operating Conditions (Ta = -40
°C to 85°C, VDD = 2.3V to 3.6V)
Read Cycle
EM565161
-55
-70
Symbol
Parameter
Min Max Min Max
Unit
tRC
Read cycle time
55
70
tAA
Address access time
55
70
tCO1
Chip Enable (CE1#) Access Time
55
70
tCO2
Chip Enable (CE2) Access Time
55
70
tOE
Output enable access time
25
35
tBA
Data Byte Control Access Time
55
70
tLZ
Chip Enable Low to Output in Low-Z
10
10
tOLZ
Output enable Low to Output in Low-Z
5
5
tBLZ
Data Byte Control Low to Output in Low-Z
10
10
tHZ
Chip Enable High to Output in High-Z
20
25
tOHZ
Output Enable High to Output in High-Z
20
25
tBHZ
Data Byte Control High to Output in High-Z
20
25
tOH
Output Data Hold Time
10
10
ns
Write Cycle
EM565161
-55
-70
Symbol
Parameter
Min Max Min Max
Unit
tWC
Write cycle time
55
70
tWP
Write pulse width
45
55
tCW
Chip Enable to end of write
45
60
tBW
Data Byte Control to end of Write
45
60
tAS
Address setup time
0
0
tWR
Write Recovery time
0
0
tWHZ
WE# Low to Output in High-Z
20
20
tOW
WE# High to Output in Low-Z
5
5
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
AC Test Condition
• Output load : 60pF + one TTL gate
• Input pulse level : 0.4V, 2.4V
• Timing measurements : 0.5 x VDD
• tR, tF : 5ns


Similar Part No. - EM565161BA-70E

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM565168BC-55/55G ETRON-EM565168BC-55/55G Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM565168BC-70/70G ETRON-EM565168BC-70/70G Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
More results

Similar Description - EM565161BA-70E

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com