Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM564161BA-85 Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM564161BA-85
Description  256K x 16 Low Power SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM564161BA-85 Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM564161BA-85 Datasheet HTML 1Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 2Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 3Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 4Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 5Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 6Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 7Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 8Page - Etron Technology, Inc. EM564161BA-85 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EtronTech
EM564161
Etron Technology, Inc.
No. 6, Technology Rd. V, Science-Based Industrial Park, Hsinchu, Taiwan 30077, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
256K x 16 Low Power SRAM
Preliminary, Rev 2.6
10/2000
Features
• Single power supply voltage of 2.3V to 3.6V
• Power down features using CE1# and CE2
• Low power dissipation
• Data retention supply voltage: 1.0V to 3.6V
• Direct TTL compatibility for all input and output
• Wide operating temperature range: -40°C to 85°C
• Standby current @ VDD = 3.6 V
IDDS2
Typical
Maximum
EM564161BA/BC-70/85
1
µA
10
µA
EM564161BA-70E/85E
5
µA
80
µA
Ordering Information
Part Number
Speed
IDDS2
Package
EM564161BC-70
70 ns
10
µA
6x8 BGA
EM564161BA-70
70 ns
10
µA
8x10 BGA
EM564161BA-70E
70 ns
80
µA
8x10 BGA
EM564161BC-85
85 ns
10
µA
6x8 BGA
EM564161BA-85
85 ns
10
µA
8x10 BGA
EM564161BA-85E
85 ns
80
µA
8x10 BGA
Overview
Pin Configuration
48-Ball BGA (CSP), Top View
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB#
OE#
A0
A1
A2
CE2
NC
A8
A9
A10
A11
NC
DQ15
NC
A12
A13
W E#
DQ7
DQ14
DQ13
A14
A15
DQ5
DQ6
VDD
DQ12
NC
A16
DQ4
GN D
DQ8
UB#
A3
A4
CE1#
DQ0
DQ9
DQ10
A5
A6
DQ1
DQ2
GND
DQ11
A17
A7
DQ3
VD D
Pin Description
Symbol
Function
A0 - A17
Address Inputs
DQ0 - DQ15
Data Inputs / Outputs
CE1#, CE2
Chip Enable Inputs
OE#
Output Enable
WE#
Read / Write Control Input
LB#, UB#
Data Byte Control Inputs
GND
Ground
VDD
Power Supply
NC
No Connection
The EM564161 is a 4,194,304-bit SRAM organized as 262,144 words by 16 bits. It is designed with advanced
CMOS technology.
This Device operates from a single 2.3V to 3.6V power supply. Advanced circuit
technology provides both high speed and low power. It is automatically placed in low-power mode when chip
enable (CE1#) is asserted high or (CE2) is asserted low. There are three control inputs. CE1# and CE2 are
used to select the device and for data retention control, and output enable (OE#) provides fast memory access.
Data byte control pin (LB#,UB#) provides lower and upper byte access. This device is well suited to various
microprocessor system applications where high speed, low power and battery backup are required. And, with a
guaranteed operating range from -40
°C to 85°C, the EM564161 can be used in environments exhibiting
extreme temperature conditions.


Similar Part No. - EM564161BA-85

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161BA-85 ETRON-EM564161BA-85 Datasheet
254Kb / 14P
   256K x 16 Low Power SRAM
EM564161BA-85E ETRON-EM564161BA-85E Datasheet
254Kb / 14P
   256K x 16 Low Power SRAM
More results

Similar Description - EM564161BA-85

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564161 ETRON-EM564161_04 Datasheet
254Kb / 14P
   256K x 16 Low Power SRAM
EM584161 ETRON-EM584161 Datasheet
249Kb / 13P
   256K x 16 Low Power SRAM
EM564166 ETRON-EM564166 Datasheet
158Kb / 11P
   256K x 16 Low Power SRAM
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com