Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM565161BJ-70 Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part # EM565161BJ-70
Description  512K x 16 Low Power SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM565161BJ-70 Datasheet(HTML) 3 Page - Etron Technology, Inc.

  EM565161BJ-70 Datasheet HTML 1Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 2Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 3Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 4Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 5Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 6Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 7Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 8Page - Etron Technology, Inc. EM565161BJ-70 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Et r onT ech
EM565161
Preliminary
3
Rev 0.9
Jan 2002
Operating Mode
Mode
CE1# CE2
OE#
WE#
LB#
UB#
DQ0~DQ7
DQ8~DQ15
Power
L
L
DOUT
DOUT
IDDO
H
L
High-Z
DOUT
IDDO
Read
L
H
L
H
L
H
DOUT
High-Z
IDDO
L
L
DIN
DIN
IDDO
H
L
High-Z
DIN
IDDO
Write
L
H
X
L
L
H
DIN
High-Z
IDDO
L
H
H
H
X
X
High-Z
High-Z
IDDO
Output Disabled
L
H
X
X
H
H
High-Z
High-Z
IDDO
H
X
X
X
X
X
X
L
X
X
X
X
Standby
X
X
X
X
H
H
High-Z
High-Z
IDDS
Note:X=don’t care. H=logic high. L=logic low.
Absolute Maximum Ratings
Supply voltage, VDD
-0.3 to +4.6V
Input voltages, VIN
-0.3 to +4.6V
Input and output voltages, VI/O
-0.5 to VDD +0.5V
Operating temperature, TOPR
-40 to +85
°C
Storage temperature, TSTRG
-55 to +150
°C
Soldering Temperature (10s), TSOLDER
240
°C
Power dissipation, PD
1 W


Similar Part No. - EM565161BJ-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM565168BC-55/55G ETRON-EM565168BC-55/55G Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM565168BC-70/70G ETRON-EM565168BC-70/70G Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
More results

Similar Description - EM565161BJ-70

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com